Moteur de recherche de fiches techniques de composants électroniques |
|
ST8024LCTR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
ST8024LCTR Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 35 page ST8024L Description Doc ID 17709 Rev 5 5/35 1 Description The ST8024L is a complete low-cost analog interface for asynchronous Class A, B, and C smartcards. It can be placed between the card and the microcontroller with few external components to perform all supply protection and control functions. The ST8024LCDR and ST8024LCTR are compatible with the ST8024 (with the exception of Vth(ext)rise/fall value). |
Numéro de pièce similaire - ST8024LCTR |
|
Description similaire - ST8024LCTR |