Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC62D749CFG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC62D749CFG
Description  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D749CFG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC62D749CFG Datasheet HTML 1Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 2Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 3Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 4Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 5Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 6Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 7Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 8Page - Toshiba Semiconductor TC62D749CFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TC62D749CFG
2012-01-10
5
Truth Table
SCK
SLAT
OE
SIN
OUT0 … OUT7 … OUT15 (Note1)
SOUT
H
L
Dn
Dn … Dn 7 … Dn 15
Dn 15
L
L
Dn + 1
No Change
Dn 14
H
L
Dn + 2
Dn + 2 … Dn 5 … Dn 13
Dn 13
(Note2)
L
Dn + 3
Dn + 2 … Dn 5 … Dn 13
Dn 13
(Note2)
H
Dn + 3
OFF
Dn 13
Note1: When OUT0 to OUT15 output pins are set to "H" the respective output will be ON and when set to
"L" the respective output will be OFF.
Note2: “-“ is irrelevant to the truth table.
Timing Diagram
The latch circuit is a leveled-latch circuit. Please exercise precaution as it is not triggered-latch circuit.
Keep the SLAT pin is set to “L” to enable the latch circuit to hold data. In addition, when the SLAT
pin is set to “H” the latch circuit does not hold data. The data will instead pass onto output.
When the OE pin is set to “L” the OUT0 to OUT15 output pins will go ON and OFF in response to
the data. In addition, when the OE pin is set to “H” all the output pins will be forced OFF regardless of
the data.
This product can use 3.3V and 5.0V power supply, but power supply and input (SCK/SIN/ SLAT / OE )
must use same voltage.
SIN
SLAT
SCK
OUT0
OUT1
SOUT
OE
OUT15
H
L
n
= 0
1
2
3
4
5
6
8
H
L
H
L
H
L
ON
OFF
ON
OFF
ON
OFF
ON
OFF
H
L
79
11
10
12 13
15
14
2
OUT


Numéro de pièce similaire - TC62D749CFG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TC62D749CFG MARKTECH-TC62D749CFG Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
More results

Description similaire - TC62D749CFG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com