Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DE1B3KX101KA4BL01 Fiches technique(PDF) 15 Page - Murata Manufacturing Co., Ltd.

No de pièce DE1B3KX101KA4BL01
Description  Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE1B3KX101KA4BL01 Fiches technique(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button DE1B3KX101KA4BL01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE1B3KX101KA4BL01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
No.
Item
Specifications
Test Method
Continued from the preceding page.
Continued on the following page.
*1 "C" expresses nominal capacitance value (pF).
*2 "room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Vibration
Resistance
Specifications and Test Methods
11
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1 minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz.
Apply for a total of 6 hrs., 2 hrs. each in 3 mutually
perpendicular directions.
Appearance
No marked defect
Capacitance
Within the specified tolerance
D.F.
Q
Char.
B, E
F
SL
D.F.
V2.5%
D.F.
V5.0%
Q
U400+20C*1(CF30pF)
Q
U1000
(C
U30pF)
Specifications
Humidity
(Under
Steady
State)
Appearance
12
Capacitance
Change
D.F.
Q
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
No marked defect
Set the capacitor for 500±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition*2.
Char.
B
E, F
SL
Within ±10%
Within ±15%
Within ± 5%
Capacitance Change
Char.
B, E
F
SL
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
Specifications
No marked defect
Humidity
Loading
Appearance
13
Apply the rated voltage for 500±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition*2.
Capacitance
Change
D.F.
Q
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
Char.
B
E, F
SL
Within ±10%
Within ±15%
Within ± 5%
Capacitance Change
Char.
B, E
F
SL
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
Specifications
9
As shown in figure, the lead wires
should be immersed in solder of
350±10°C or 260±5°C up to 1.5
to 2.0mm from the root of terminal
for 3.5±0.5 sec. (10±1 sec. for
260±5°C).
Pre-treatment:
Capacitor should be stored at 85±2°C for 1 hr., then placed at
room condition*2 for 24±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition*2.
Soldering
Effect
(Non-Preheat)
Appearance
No marked defect
Capacitance
Change
Within ±10%
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
,,,,,,,,,,
,,,,,,,,,,
,
,
,
,,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
10
First the capacitor should be
stored at 120+0/-5°C for
60+0/-5 sec.
Then, as in figure, the lead wires
should be immersed in solder of
260+0/-5°C up to 1.5 to 2.0mm
from the root of terminal for
7.5+0/-1 sec.
Pre-treatment:
Capacitor should be stored at 85±2°C for 1 hr., then placed at
room condition*2 for 24±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition*2.
Soldering
Effect
(On-Preheat)
Appearance
No marked defect
Capacitance
Change
Within ±10%
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
,,,,,,,,,,
,,,,,,,,,,
,
,
,
,,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
Type KY/KH/KX Specifications and Test Methods
13
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Numéro de pièce similaire - DE1B3KX101KA4BL01

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
DE1B3KX101KA4BN01F DIALOG-DE1B3KX101KA4BN01F Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
More results

Description similaire - DE1B3KX101KA4BL01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com