Moteur de recherche de fiches techniques de composants électroniques |
|
DE1B3KX101KA4BL01 Fiches technique(PDF) 49 Page - Murata Manufacturing Co., Ltd. |
|
DE1B3KX101KA4BL01 Fiches technique(HTML) 49 Page - Murata Manufacturing Co., Ltd. |
49 / 72 page No. 1 Item Operating Temperature Range Specifications -25 to +85°C Test Method 2 Appearance and Dimensions No marked defect on appearance form and dimensions are within specified range. To be easily legible The capacitor should be visually inspected for evidence of defect. Dimensions should be measured with slide calipers. 3 Marking The capacitor should be visually inspected. 4 Dielectric Strength Between Lead Wires Body Insulation No failure No failure The capacitor should not be damaged when DC voltage of 200% of the rated voltage is applied between the lead wires for 1 to 5 sec. (Charge/Discharge current V50mA) The capacitor is placed in the container with metal balls of diameter 1mm so that each lead wire, short circuited, is kept about 2mm off the metal balls as shown in the figure at right, and DC voltage of 1.3kV is applied for 1 to 5 sec. between capacitor lead wires and metal balls. (Charge/Discharge current V50mA) 5 Insulation Resistance (I.R.) The insulation resistance should be measured with DC500±50V within 60±5 sec. of charging. About 2mm Metal balls 7 Dissipation Factor (D.F.) Between Lead Wires 10000M Ω min. 6 Capacitance The capacitance should be measured at 20°C with 1±0.2kHz and AC5V(r.m.s.) max. Within specified tolerance Char. B, E: 2.5% max. Char. F: 5.0% max. Char. B: Within ±10% Char. E: Within +20/-55% Char. F: Within +30/-80% The dissipation factor should be measured at 20°C with 1±0.2kHz and AC5V(r.m.s.) max. 8 Temperature Characteristics The capacitance measurement should be made at each step specified in Table. Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr., then placed at room condition* for 24±2 hrs. before measurements. 9 Strength of Lead Pull Lead wire should not be cut off. Capacitor should not be broken. As shown in the figure at right, fix the body of the capacitor and apply a tensile weight gradually to each lead wire in the radial direction of the capacitor up to 10N (5N for lead diameter 0.5mm), and keep it for 10±1 sec. Bending Each lead wire should be subjected to 5N (2.5N for lead diameter 0.5mm) of weight and bent 90° at the point of egress, in one direction, then returned to its original position and bent 90° in the opposite direction at the rate of one bend in 2 to 3 sec. 10 Vibration Resistance Appearance No marked defect The capacitor should be firmly soldered to the supporting lead wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in total amplitude, with about a 1 minute rate of vibration change from 10Hz to 55Hz and back to 10Hz. Apply for a total of 6 hrs., 2 hrs. each in 3 mutually perpendicular directions. 11 Solderability of Leads Lead wire should be soldered with uniform coating on the axial direction over 3/4 of the circumferential direction. The lead wire of a capacitor should be dipped into a ethanol solution of 25wt% rosin and then into molten solder for 2±0.5 sec. In both cases the depth of dipping is up to about 1.5 to 2mm from the root of lead wires. Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245±5°C H63 Eutectic Solder 235±5°C Capacitance Within specified tolerance D.F. Char. B, E: 2.5% max. Char. F: 5.0% max. Continued on the following page. Temp. (°C) 2 3 4 5 20±2 -25±3 20±2 85±2 20±2 Step 1 W * "room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa 12 Soldering Effect (Non-Preheat) Appearance Capacitance Change Dielectric Strength (Between Lead Wires) No marked defect Char. B: Within ±5% Char. E: Within ±15% Char. F: Within ±20% Per item 4. The lead wire should be immersed into the melted solder of 350±10°C (Body of ø5mm and under: 270±5°C) up to about 1.5 to 2mm from the main body for 3.5±0.5 sec. (Body of ø5mm and under: 5±0.5 sec.) Pre-treatment: Capacitor should be stored at 85±2°C for 1 hr., then placed at room condition* for 24±2 hrs. before initial measurements. Post-treatment: Capacitor should be stored for 4 to 24 hrs. at room condition*. DEB Series Specifications and Test Methods 47 9 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C85E.pdf 08.10.29 |
Numéro de pièce similaire - DE1B3KX101KA4BL01 |
|
Description similaire - DE1B3KX101KA4BL01 |