Moteur de recherche de fiches techniques de composants électroniques |
|
TL072BCDG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL072BCDG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 49 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic (each amplifier) C1 VCC+ IN+ VCC− 1080 Ω 1080 Ω IN− TL071 Only 64 Ω 128 Ω 64 Ω All component values shown are nominal. OFFSET N1 OFFSET N2 OUT 18 pF COMPONENT COUNT† COMPONENT TYPE TL071 TL072 TL074 Resistors 11 22 44 Resistors Transistors 11 14 22 28 44 56 Transistors JFET 14 2 28 4 56 6 JFET Diodes 2 1 4 2 6 4 Diodes Capacitors 1 1 2 2 4 4 Capacitors epi-FET 1 1 2 2 4 4 † Includes bias and trim circuitry |
Numéro de pièce similaire - TL072BCDG4 |
|
Description similaire - TL072BCDG4 |