Moteur de recherche de fiches techniques de composants électroniques |
|
BZW04-5V8B Fiches technique(PDF) 1 Page - STMicroelectronics |
|
BZW04-5V8B Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 6 page 1/6 BZW04-5V8/376 BZW04-5V8B/376B TRANSIL TM s PEAK PULSE POWER : 400 W (10/1000 µs) s STAND-OFF VOLTAGE RANGE : From 5.8V to 376 V s UNI AND BIDIRECTIONAL TYPES s LOW CLAMPING FACTOR s FAST RESPONSE TIME s UL RECOGNIZED FEATURES DO-15 Symbol Parameter Value Unit PPP Peak pulse power dissipation (see note 1) Tj initial = Tamb 400 W P Power dissipation on infinite heatsink Tamb = 75°C 1.7 W IFSM Non repetitive surge peak forward current for unidirectional types tp = 10ms Tj initial = Tamb 30 A Tstg Tj Storage temperature range Maximum junction temperature -65to+175 175 °C °C TL Maximum lead temperature for soldering during 10s a 5mm from case. 230 °C Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit. ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C) DESCRIPTION Transil diodes provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particu- larly suited to protect voltage sensitive devices such as MOS Technology and low voltage sup- plied IC’s. February 2003- Ed : 3A Symbol Parameter Value Unit Rth (j-l) Junction to leads 60 °C/W Rth (j-a) Junction to ambient on printed circuit. Llead =10mm 100 °C/W THERMAL RESISTANCES ® |
Numéro de pièce similaire - BZW04-5V8B |
|
Description similaire - BZW04-5V8B |