Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD0603-Z39 Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce CD0603-Z39
Description  Surface Mount Zener Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-Z39 Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  CD0603-Z39 Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-Z39 Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-Z39 Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-Z39 Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-Z39 Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-Z39 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CD0603/1005-Z Surface Mount Zener Diode Series
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
RoHS compliant*
Zener voltages 2.0 V to 39 V
Fits SOD323 and SOD523
Applications
DC-DC converters
Portable electronics
Industrial controllers
Desktop PCs and notebooks
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Zener Diodes for voltage reference applications, in compact chip package 0603 and 1005 size format, which offer PCB real
estate savings and are considerably smaller than most competitive parts. The Zener Diodes have a zener voltage range between 2.0 V and
39 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration
minimizes roll away.
Parameter
Symbol
CD1005-Z
CD0603-Z
Unit
Power Dissipation @ T=25 °CPD
200
150
mW
Peak Forward Surge Current 8.3 ms
Single Half Sine-wave Superimposed on
IFSM
2.0
2.0
A
Rated Load (JEDEC Method)
Operating and Storage Temperature Range
TJ
-55 to +125
-55 to +125
°C
Electrical and Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 0603 - Z 2V2
Common Code
Chip Diode
Package
• 0603
• 1005
Model
Z = Zener Diode
Nominal Zener Voltage
2V2 = 2.2 Volts
39
= 39 Volts
Notes:
1. Pulse test width PW=300 µsec, 1 % duty cycle.
2. Mounted on P.C. board with 0.2 x 0.2 “ (5.0 x 5.0 mm) copper pad areas.
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Numéro de pièce similaire - CD0603-Z39

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD0603-Z39 BOURNS-CD0603-Z39 Datasheet
422Kb / 6P
   CD0603/1005-Z Surface Mount Zener Diode Series
More results

Description similaire - CD0603-Z39

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com