Moteur de recherche de fiches techniques de composants électroniques |
|
BTB25-600BRG Fiches technique(PDF) 11 Page - STMicroelectronics |
|
BTB25-600BRG Fiches technique(HTML) 11 Page - STMicroelectronics |
11 / 12 page BTA24, BTB24, BTA25, BTA26, BTB26, T25 Ordering information 11/12 4 Ordering information Note: xxx = voltage, y = sensitivity, z = type 5 Revision history Table 11. Ordering information Ordering type Marking Package Weight Base qty Delivery mode BTA/BTB24-xxxyzRG BTA/BTB24 xxxyz TO-220AB 2.3 g 50 Tube BTA25-xxxyz BTA25xxxyz RD91 20 g 25 Bulk BTA26-xxxyRG BTA26xxxyz TOP3 Ins. 4.5 g 30 Tube BTB26-600BRG BTB26600B TOP3 4.5 g 30 Tube T2535-xxxG T2535 xxxG D2PAK 1.5 g 50 Tube T2535-xxxG-TR T2535 xxxG 1000 Tape and reel Table 12. Revision history Date Revision Description of changes Oct-2002 6A Previous update. 13-Feb-2006 7 TO-220AB delivery mode changed from bulk to tube. ECOPACK statement added. 31-May-2006 8 Reformatted to current standard. Tc in figure 3 changed to Tamb 31-Jul-2006 9 Typing error corrected on page 1 (BTB124 instead of BTB24) 05-Jul-2007 10 Added BTB26-600BRG. Restructured cover page and section 2: Ordering information scheme on page 6 to simplify product selection. Thermal resistance values updated in Table 6 and Figure 2. Graphic for I2t updated in Figure 7. |
Numéro de pièce similaire - BTB25-600BRG |
|
Description similaire - BTB25-600BRG |