Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB40-600B Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BTB40-600B
Description  40A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB40-600B Fiches technique(HTML) 6 Page - STMicroelectronics

  BTB40-600B Datasheet HTML 1Page - STMicroelectronics BTB40-600B Datasheet HTML 2Page - STMicroelectronics BTB40-600B Datasheet HTML 3Page - STMicroelectronics BTB40-600B Datasheet HTML 4Page - STMicroelectronics BTB40-600B Datasheet HTML 5Page - STMicroelectronics BTB40-600B Datasheet HTML 6Page - STMicroelectronics BTB40-600B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BTA40, BTA41 and BTB41 Series
6/7
Figure 12: RD91 Package Mechanical Data
A
E3
N2
N1
B
F
I
A1
B1
L1
A2
L2
B2
C
C2
C1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
40.00
1.575
A1
29.90
30.30
1.177
1.193
A2
22.00
0.867
B
27.00
1.063
B1
13.50
16.50
0.531
0.650
B2
24.00
0.945
C
14.00
0.551
C1
3.50
0.138
C2
1.95
3.00
0.077
0.118
E3
0.70
0.90
0.027
0.035
F
4.00
4.50
0.157
0.177
I
11.20
13.60
0.441
0.535
L1
3.10
3.50
0.122
0.138
L2
1.70
1.90
0.067
0.075
N1
33°
43°
33°
43°
N2
28°
38°
28°
38°
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA40-xxxB
BTA40xxxB
RD91
20 g
25
Bulk
BTA41-xxxBRG
BTA41xxxB
TOP3 Ins.
4.5 g
30
Tube
BTB41-xxxBRG
BTB41xxxB
TOP3
4.5 g
30
Tube
Note: xxx = voltage
Table 9: Revision History
Date
Revision
Description of Changes
Sep-2003
5
Last update.
25-Mar-2005
6
TOP3 delivery mode changed from bulk to tube.
14-Oct-2005
7
Tc values for IT changed in Table 3. ECOPACK statement
added.


Numéro de pièce similaire - BTB40-600B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
108Kb / 9P
   40 A standard TRIACs
More results

Description similaire - BTB40-600B

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
   40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com