Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54-07P6FILM Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce BAT54-07P6FILM
Description  Small signal Schottky diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-07P6FILM Fiches technique(HTML) 1 Page - STMicroelectronics

  BAT54-07P6FILM Datasheet HTML 1Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 2Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 3Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 4Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 5Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 6Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 7Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 8Page - STMicroelectronics BAT54-07P6FILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2009
Doc ID 5505 Rev 10
1/13
13
BAT54
Small signal Schottky diodes
Features
Low conduction and reverse losses
Negligible switching losses
Low forward and reverse recovery times
Extremely fast switching
Surface mount device
Low capacitance diode
Description
The BAT54 series uses 40 V Schottky barrier
diodes packaged in SOD- 23, SOD-323,
SOD-523, SOT-23, SOT-323, or SOT-666.
Table 1.
Device summary
Symbol
Value
IF
300 mA
VRRM
40 V
C (typ)
7 pF
Tj (max)
150 °C
SOD-323
SOD-123
SOD-523
SOT-23
SOT-666
BAT54JFILM
(Single)
BAT54JFILM-H
BAT54ZFILM
(Single)
BAT54KFILM
(Single)
BAT54FILM
(Single)
BAT54SFILM
(Series)
BAT54CFILM
(Common cathode)
BAT54WFILM
(Single)
BAT54CWFILM
(Common cathode)
BAT54AWFILM
(Common anode)
BAT54SWFILM
(Series)
BAT54-07P6FILM
(2 parallel diodes)
BAT54-09P6FILM
(2 opposite diodes)
BAT54AFILM
(Common anode)
SOT-323
Configurations in top view
www.st.com


Numéro de pièce similaire - BAT54-07P6FILM

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAT54-02LRH INFINEON-BAT54-02LRH Datasheet
890Kb / 14P
   Silicon Schottky Diodes
2008-04-30
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
logo
Infineon Technologies A...
BAT54-02V INFINEON-BAT54-02V Datasheet
890Kb / 14P
   Silicon Schottky Diodes
2008-04-30
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
76Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
BAT54-02V-GS08 VISHAY-BAT54-02V-GS08 Datasheet
88Kb / 4P
   Schottky Diode in SOD-523
Rev. 1.4, 12-Dec-05
More results

Description similaire - BAT54-07P6FILM

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com