Moteur de recherche de fiches techniques de composants électroniques |
|
AME811 Fiches technique(PDF) 6 Page - Analog Microelectronics |
|
AME811 Fiches technique(HTML) 6 Page - Analog Microelectronics |
6 / 15 page Analog Microelectronics, Inc. 6 AME811/AME811A/AME811R 3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs n n n n n Pin Description (Cont.) n n n n n Function Description 40-pin DIP 40-pin DIP 44-pin PQFP Symbol Description Pin Number (Reverse) Pin Number 34 (7) 42 CREF- Reference capacitor, negative terminal 35 (6) 43 CREF+ Reference capacitor, positive terminal 36 (5) 44 VREF+ Analog-reference input, positive terminal ¢w 1 DEEN De-integration status flag ¢w 2 INTEN Integration status flag 37 (4) 3 TEST Display-test pin, When pulled to V+, display should read -1888. 38 (3) 4 V+ Positive supply voltage ¢w 5 OSC3 Buffered OSC1 39 (2) 6 OCS2 Crystal oscillator output 40 (1) 7 OCS1 Crystal oscillator input |
Numéro de pièce similaire - AME811 |
|
Description similaire - AME811 |