Moteur de recherche de fiches techniques de composants électroniques |
|
AM28F010-120FEB Fiches technique(PDF) 10 Page - Advanced Micro Devices |
|
AM28F010-120FEB Fiches technique(HTML) 10 Page - Advanced Micro Devices |
10 / 35 page 10 Am28F010 ERASE, PROGRAM, AND READ MODE When VPP is equal to 12.0 V ± 5%, the command reg- ister is active. All functions are available. That is, the device can program, erase, read array or autoselect data, or be standby mode. Write Operations High voltage must be applied to the VPP pin in order to activate the command register. Data written to the reg- ister serves as input to the internal state machine. The output of the state machine determines the operational function of the device. The command register does not occupy an addressable memory location. The register is a latch that stores the command, along with the address and data information needed to execute the command. The register is written by bringing WE# and CE# to VIL, while OE# is at VIH. Addresses are latched on the falling edge of WE#, while data is latched on the rising edge of the WE# pulse. Standard microprocessor write timings are used. The device requires the OE# pin to be VIH for write op- erations. This condition eliminates the possibility for bus contention during programming operations. In order to write, OE# must be VIH, and CE# and WE# must be VIL. If any pin is not in the correct state a write command will not be executed. Refer to AC Write Characteristics and the Erase/Pro- gramming Waveforms for specific timing parameters. Command Definitions The contents of the command register default to 00h (Read Mode) in the absence of high voltage applied to the VPP pin. The device operates as a read only mem- ory. High voltage on the VPP pin enables the command register. Device operations are selected by writing spe- cific data codes into the command register. Table 3 de- fines these register commands. Read Command Memory contents can be accessed via the read com- mand when VPP is high. To read from the device, write 00h into the command register. Standard microproces- sor read cycles access data from the memory. The de- vice will remain in the read mode until the command register contents are altered. The command register defaults to 00h (read mode) upon VPP power-up. The 00h (Read Mode) register de- fault helps ensure that inadvertent alteration of the memory contents does not occur during the VPP power transition. Refer to the AC Read Characteristics and Waveforms for the specific timing parameters. Table 3. Am28F010 Command Definitions Notes: 1. Bus operations are defined in Table 1. 2. RA = Address of the memory location to be read. EA = Address of the memory location to be read during erase-verify. PA = Address of the memory location to be programmed. X = Don’t care. Addresses are latched on the falling edge of the WE # pulse. 3. RD = Data read from location RA during read operation. EVD = Data Read from location EA during erase-verify. PD = Data to be programmed at location PA. Data latched on the rising edge of WE #. PVD = Data read from location PA during program-verify. PA is latched on the Program command. 4. Refer to the appropriate section for algorithms and timing diagrams. Command (Note 4) First Bus Cycle Second Bus Cycle Operation (Note 1) Address (Note 2) Data (Note 3) Operation (Note 1) Address (Note 2) Data (Note 3) Read Memory Write X 00h/FFh Read RA RD Read Auto select Write X 80h or 90h Read 00h/01h 01h/A7h Erase Setup/Erase Write Write X 20h Write X 20h Erase-Verify Write EA A0h Read X EVD Program Setup/Program Write X 40h Write PA PD Program-Verify Write X C0h Read X PVD Reset Write X FFh Write X FFh |
Numéro de pièce similaire - AM28F010-120FEB |
|
Description similaire - AM28F010-120FEB |