Moteur de recherche de fiches techniques de composants électroniques |
|
AME1117CCGT Fiches technique(PDF) 10 Page - Analog Microelectronics |
|
AME1117CCGT Fiches technique(HTML) 10 Page - Analog Microelectronics |
10 / 15 page Analog Microelectronics, Inc. 10 AME1117 1A Low Dropout Positive Voltage Regulator 5. Thermal Consideration The AME1117 series contain thermal limiting cir- cuitry designed to protect itself from over-tem- perature conditions. Even for normal load condi- tions, maximum junction temperature ratings must not be exceeded. As mentioned in thermal protec- tion section, we need to consider all sources of thermal resistance between junction and ambient. It includes junction-to-case, case-to-heat-sink in- terface and heat sink thermal resistance itself. Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case di- rectly below the die. Proper mounting is required to ensure the best possible thermal flow from this area of the package to the heat sink. The case of all devices in this product series is electrically con- nected to the output. Therefore, if the case of the device must be electrically isolated, a thermally con- ductive spacer is recommended. |
Numéro de pièce similaire - AME1117CCGT |
|
Description similaire - AME1117CCGT |