Moteur de recherche de fiches techniques de composants électroniques |
|
AM188ES Fiches technique(PDF) 2 Page - Advanced Micro Devices |
|
AM188ES Fiches technique(HTML) 2 Page - Advanced Micro Devices |
2 / 102 page 2 Am186/188ES and Am186/188ESLV Microcontrollers PRELIMINA R Y Am186ES MICROCONTROLLER BLOCK DIAGRAM Notes: *All PIO signals are shared with other physical pins. See the pin descriptions beginning on page 27 and Table 2 on page 34 for information on shared functions. ** PWD, INT5, INT6, RTS1/RTR1, and CTS1/ENRX1 are multiplexed with INT2/INTA0, DRQ0, DRQ1, PCS3, and PCS2 respec- tively. See the pin descriptions beginning on page 27. S2–S0 Interrupt Control Unit Timer Control Unit DMA Unit Bus Interface Unit Execution Unit Chip-Select Unit Clock and Power Management Unit Control Registers 16-Bit Count Registers Max Count A Registers 16-Bit Count Registers 20-Bit Destination Pointers 20-Bit Source Pointers Control Registers Control Registers Control Registers 01 2 0 1 Max Count B Registers Refresh Control Unit Control Registers Control Registers Control Registers CLKOUTB CLKOUTA INT6–INT4** INT3/INTA1/IRQ INT2/INTA0** INT1/SELECT INT0 TMROUT0 TMROUT1 DRQ0** DRQ1** VCC GND TMRIN0 TMRIN1 ARDY SRDY DT/R DEN/DS HOLD HLDA Asynchronous Serial Port 0 TXD0 RXD0 NMI A19–A0 AD15–AD0 ALE BHE/ADEN WR WLB WHB RD RES LCS/ONCE0 MCS2–MCS0 PCS6/A2 PCS3–PCS0** PCS5/A1 UCS/ONCE1 X2 X1 PSRAM Control Unit MCS3/RFSH PIO Unit PIO31– PIO0* S6/LOCK/ UZI CLKDIV2 TXD1 RXD1 CTS0/ENRX0 CTS1/ENRX1** RTS0/RTR0 RTS1/RTR1** Watchdog Timer (WDT) Pulse Width Demod- ulator (PWD) PWD** Asynchronous Serial Port 1 |
Numéro de pièce similaire - AM188ES |
|
Description similaire - AM188ES |