Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C47 Fiches technique(PDF) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No de pièce BZX55C47
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Site Internet  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX55C47 Fiches technique(HTML) 3 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX55C47 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
Characteristics (Tj=25℃ unless otherwise specified)
Figure 1. Thermal Resistance vs. Lead length
Figure 4. Typical Change of Working Voltage Vs.
Junction Temperature
Figure 2. Total Power Dissipation vs. Ambient
Temperature
Figure 5. Temperature Coefficient of Vz vs. Z-Voltage
Figure 3. Typical Change of Working Voltage under
Operating Conditions at Tamb=25℃
Figure 6. Diode Capacitance vs. Z-voltage
B
ZX55C2V0-BZX55C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Numéro de pièce similaire - BZX55C47

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
BZX55C47 CHENDA-BZX55C47 Datasheet
695Kb / 3P
   Low zener impedance
logo
Vishay Siliconix
BZX55C47 VISHAY-BZX55C47 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
RFE international
BZX55C47 RFE-BZX55C47 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Rectron Semiconductor
BZX55C47 RECTRON-BZX55C47 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C47 GXELECTRONICS-BZX55C47 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Description similaire - BZX55C47

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com