Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5432MTH1R Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce 5432MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

5432MTH1R Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  5432MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5432MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
A-26
APEM
www.apem.com
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 6,35 (1/4) : 5600
A
Single pole
Double pole
Three pole
MODEL
STRUCTURE
III
II
I
2-3
1-2
5636
ON
-
ON
5639
ON
OFF
ON
5637
MOM OFF MOM
5638
ON
OFF MOM
5632
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5646
ON
-
ON
5649
ON
OFF
ON
5647
MOM OFF MOM
5648
ON
OFF MOM
5642
ON
- MOM
5644*
ON
ON
ON
5644 1R*
ON
ON MOM
5644 2R*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5656
ON
-
ON
5659
ON
OFF
ON
5657
MOM OFF MOM
5658
ON
OFF MOM
5652
ON
- MOM
• 1, 2, 3 and 4 pole configurations
Shown with standard lever (-13)
Keyway
Keyway
Keyway
* Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
Keyway
1
2
3
(.070)
(.043)
1.80
1.10
(.039)
1.00
10.50
(.413)
(.314)
8.00
7.00
(.275)
(.472)
12.00
(.145)
3.70
(1/4-40UNS)
Ø6.35-40UNS
I
II
III
3
2
1
8.00
(.314)
(.413)
10.50
3.70
(.145)
12.00
(.472)
1.00
(.039)
Ø6.35-40UNS
(1/4-40UNS)
(.472)
12.00
III
III
II
I
1
2
36
5
4
10.50
(.413)
(.314)
8.00
(.039)
1.00
(.145)
3.70
(.516)
13.10
(1/4-40UNS)
Ø6.35-40UNS
(.649)
16.50
III
II
I
3
2
1
7
8
9


Numéro de pièce similaire - 5432MTH1R

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
5432 NSC-5432 Datasheet
88Kb / 4P
   QUAD 2-INPUT OR GATES
logo
Pomona Electronics
5432 POMONA-5432 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe & Kit
5432-0 POMONA-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe & Kit
logo
3M Electronics
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
5432-2 POMONA-5432-2 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe & Kit
More results

Description similaire - 5432MTH1R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com