Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1XGJERE00045G Fiches technique(PDF) 7 Page - OPLINK Communications Inc.

No de pièce TPD1XGJERE00045G
Description  DWDM 40km SFP Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPLINK [OPLINK Communications Inc.]
Site Internet  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGJERE00045G Fiches technique(HTML) 7 Page - OPLINK Communications Inc.

  TPD1XGJERE00045G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGJERE00045G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S0217. Rev.01. 2010-12-06
7
TPD1XGJERxx
Oplink Communications, Inc
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERC00044G
- 5°C to +70°C
Commercial
1542.14
194.4
44
40km
TPD1XGJERC00043G
- 5°C to +70°C
Commercial
1542.94
194.3
43
40km
TPD1XGJERC00042G
- 5°C to +70°C
Commercial
1543.73
194.2
42
40km
TPD1XGJERC00041G
- 5°C to +70°C
Commercial
1544.53
194.1
41
40km
TPD1XGJERC00040G
- 5°C to +70°C
Commercial
1545.32
194.0
40
40km
TPD1XGJERC00039G
- 5°C to +70°C
Commercial
1546.12
193.9
39
40km
TPD1XGJERC00038G
- 5°C to +70°C
Commercial
1546.92
193.8
38
40km
TPD1XGJERC00037G
- 5°C to +70°C
Commercial
1547.72
193.7
37
40km
TPD1XGJERC00036G
- 5°C to +70°C
Commercial
1548.51
193.6
36
40km
TPD1XGJERC00035G
- 5°C to +70°C
Commercial
1549.32
193.5
35
40km
TPD1XGJERC00034G
- 5°C to +70°C
Commercial
1550.12
193.4
34
40km
TPD1XGJERC00033G
- 5°C to +70°C
Commercial
1550.92
193.3
33
40km
TPD1XGJERC00032G
- 5°C to +70°C
Commercial
1551.72
193.2
32
40km
TPD1XGJERC00031G
- 5°C to +70°C
Commercial
1552.52
193.1
31
40km
TPD1XGJERC00030G
- 5°C to +70°C
Commercial
1553.33
193.0
30
40km
TPD1XGJERC00029G
- 5°C to +70°C
Commercial
1554.13
192.9
29
40km
TPD1XGJERC00028G
- 5°C to +70°C
Commercial
1554.94
192.8
28
40km
TPD1XGJERC00027G
- 5°C to +70°C
Commercial
1555.75
192.7
27
40km
TPD1XGJERC00026G
- 5°C to +70°C
Commercial
1556.55
192.6
26
40km
TPD1XGJERC00025G
- 5°C to +70°C
Commercial
1557.36
192.5
25
40km
TPD1XGJERC00024G
- 5°C to +70°C
Commercial
1558.17
192.4
24
40km
TPD1XGJERC00023G
- 5°C to +70°C
Commercial
1558.98
192.3
23
40km
TPD1XGJERC00022G
- 5°C to +70°C
Commercial
1559.79
192.2
22
40km
TPD1XGJERC00021G
- 5°C to +70°C
Commercial
1560.61
192.1
21
40km
TPD1XGJERC00020G
- 5°C to +70°C
Commercial
1561.42
192.0
20
40km
TPD1XGJERC00019G
- 5°C to +70°C
Commercial
1562.23
191.9
19
40km
TPD1XGJERC00018G
- 5°C to +70°C
Commercial
1563.05
191.8
18
40km
TPD1XGJERC00017G
- 5°C to +70°C
Commercial
1563.86
191.7
17
40km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERE00061G
- 5°C to +85°C
Extended
1528.77
196.1
61
40km
TPD1XGJERE00060G
- 5°C to +85°C
Extended
1529.55
196.0
60
40km
TPD1XGJERE00059G
- 5°C to +85°C
Extended
1530.33
195.9
59
40km
TPD1XGJERE00058G
- 5°C to +85°C
Extended
1531.12
195.8
58
40km
TPD1XGJERE00057G
- 5°C to +85°C
Extended
1531.90
195.7
57
40km
TPD1XGJERE00056G
- 5°C to +85°C
Extended
1532.68
195.6
56
40km
TPD1XGJERE00055G
- 5°C to +85°C
Extended
1533.47
195.5
55
40km
TPD1XGJERE00054G
- 5°C to +85°C
Extended
1534.25
195.4
54
40km
TPD1XGJERE00053G
- 5°C to +85°C
Extended
1535.04
195.3
53
40km
TPD1XGJERE00052G
- 5°C to +85°C
Extended
1535.82
195.2
52
40km
TPD1XGJERE00051G
- 5°C to +85°C
Extended
1536.61
195.1
51
40km
TPD1XGJERE00050G
- 5°C to +85°C
Extended
1537.40
195.0
50
40km


Numéro de pièce similaire - TPD1XGJERE00045G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD1XGJERE00045G OPLINK-TPD1XGJERE00045G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results

Description similaire - TPD1XGJERE00045G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com