Moteur de recherche de fiches techniques de composants électroniques |
|
TPC1XGJERI00060G Fiches technique(PDF) 5 Page - OPLINK Communications Inc. |
|
TPC1XGJERI00060G Fiches technique(HTML) 5 Page - OPLINK Communications Inc. |
5 / 7 page S0218. Rev.02. 2011-05-26 5 TPC1XGJERxG Oplink Communications, Inc 50 line 50 line 50 line 50 line TD+ TD- RD+ RD- ASIC/ SerDes + 4.7µH 0.1µF 22µF 0.1µF +3.3V +3.3V +3.3V SCL, SDA, MOD_ABS TX_Fault +3.3V R R R SFP+ VccR RX_LOS + 4.7µH 0.1µF 22µF 0.1µF +3.3V VccT VeeT, VeeR R: 4.7k to 10k ESD & Electromagnetic Compatibility Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 10.4) there are two distinct address spaces: Interfacing the Transceivers Recommended electrical connections to transceiver are shown below. Application Schematics Requirements Standard Status Electro Static Discharge to the Electrical Pins (ESD) EIA/JESD22-A114-B MIL-STD 883C Method 3015.7 Exceeds requirements Class 1B (>1000V) Immunity to ESD (housing, receptacle) IEN 61000-4-2 Exceeds requirements Discharges ranging from 2kV to 15kV without damages to the transceiver Electromagnetic Emission (EMI) FCC Part 15, Class B EN 55022 Class B CISPR 22 Exceeds requirements Class B Base Address A0(hex) Byte Address Content 0 – 95 Serial Transceiver ID as defined in SFP MSA 96 – 127 OPLINK Specific 128 – 255 Reserved Base Address A2(hex) Byte Address Content 0 - 55 Alarm & Warnings thresholds & limits 56 - 95 External calibration constants (not used) 96 – 119 Values from real time diagnostic monitoring 120 – 127 Not used 128 – 247 Customer specific, writable area 248 - 255 Not used |
Numéro de pièce similaire - TPC1XGJERI00060G |
|
Description similaire - TPC1XGJERI00060G |