Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7890ARZ-10 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce AD7890ARZ-10
Description  STANDARD MICROCIRCUIT DRAWING
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AD7890ARZ-10 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD7890ARZ-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD7890ARZ-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95615
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
C
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - continued.
Test
Symbol
Conditions 1/, 3/, 5/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Master clock frequency 6/
fCLKIN
9, 10, 11
01
0.1
2.5
MHz
Master clock input low time
tCLKINL
9, 10, 11
01
0.3 x
tCLKIN
ns
Master clock input high time
tCLKINH
9, 10, 11
01
0.3 x
tCLKIN
ns
Digital output rise time 7/
tR
9, 10, 11
01
25
ns
Digital output fall time 7/
tF
9, 10, 11
01
25
ns
Conversion time
tCONVERT
9, 10, 11
01
5.9
µs
CONVST pulse width
tCST
9, 10, 11
01
100
ns
RFS low to SCLK falling
edge
t1
9, 10, 11
01
tCLKINH
+ 50
ns
RFS low to valid delay 8/
t2
9, 10, 11
01
25
ns
SCLK high pulse width
t3
9, 10, 11
01
tCLKINH
ns
SCLK low pulse width
t4
9, 10, 11
01
tCLKINL
ns
SCLK rising edge to data
valid delay 8/
t5
9, 10, 11
01
20
ns
SCLK rising edge to RFS
delay
t6
9, 10, 11
01
40
ns
Bus relinquish time after
rising edge of SCLK 9/
t7
9, 10, 11
01
50
ns
TFS low to SCLK falling edge
t8
9, 10, 11
01
0
tCLKIN
+ 50
ns
Data valid to TFS falling
edge setup time
(A2 address bit)
t9
9, 10, 11
01
0
ns
Data valid to SCLK falling
edge setup time
t10
9, 10, 11
01
20
ns
See footnotes at end of table.


Numéro de pièce similaire - AD7890ARZ-10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7890ARZ-10 AD-AD7890ARZ-10 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890ARZ-10REEL AD-AD7890ARZ-10REEL Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
More results

Description similaire - AD7890ARZ-10

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com