Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K10240-PROPLUS Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce K10240-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

K10240-PROPLUS Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button K10240-PROPLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 10Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 11Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
www .prolite -lamps.co.uk
8
HELIX DAYLITE COMPACT FLUORESCENT
DESCRIPTION
Helix Daylite lamps are ideal for bathrooms, kitchens and areas where detailed activities
such as sewing, reading, repair or manufacture are undertaken. Good daylight output
makes this lamp a perfect display enhancing lamp. This
type of lamp is frequently used to enhance a working
environment or area. Good colour retention ensures colours
are seen in the best ‘light’.
TECHNICAL SPECIFICATION
h
w
HELIX/11W/BC/64
11
60
240
BC
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/11W/ES/64
11
60
240
ES
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/15W/BC/64
15
75
240
BC
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/15W/ES/64
15
75
240
ES
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/18W/BC/64
18
100
240
BC
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/64
18
100
240
ES
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/25W/BC/640
25
125
240
BC
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/ES/640
25
125
240
ES
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/ES/110
25
125
110
ES
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/30W/BC/640
30
150
240
BC
1535
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/ES/640
30
150
240
ES
1535
8.5
67.5 x 33.5 x 21.5
158
60
8,000h


Numéro de pièce similaire - K10240-PROPLUS

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
K102 KODENSHI-K102 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
Vishay Siliconix
K102J15C0GF5.H5 VISHAY-K102J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF5.L2 VISHAY-K102J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF53H5 VISHAY-K102J15C0GF53H5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K102J15C0GF53L2 VISHAY-K102J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

Description similaire - K10240-PROPLUS

FabricantNo de pièceFiches techniqueDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com