Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD2XGKZRC00026G Fiches technique(PDF) 9 Page - OPLINK Communications Inc.

No de pièce TPD2XGKZRC00026G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPLINK [OPLINK Communications Inc.]
Site Internet  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD2XGKZRC00026G Fiches technique(HTML) 9 Page - OPLINK Communications Inc.

  TPD2XGKZRC00026G Datasheet HTML 1Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 2Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 3Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 4Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 5Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 6Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 7Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 8Page - OPLINK Communications Inc. TPD2XGKZRC00026G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
S0255. Rev.03. (web) 2012-08-08
9
TPD2XGKZRxxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2012, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD2XGKZRI00055G
- 40°C to +85°C
Industrial
1533.07
195.55
H55
80km
TPD2XGKZRI00054G
- 40°C to +85°C
Industrial
1533.86
195.45
H54
80km
TPD2XGKZRI00053G
- 40°C to +85°C
Industrial
1534.64
195.35
H53
80km
TPD2XGKZRI00052G
- 40°C to +85°C
Industrial
1535.43
195.25
H52
80km
TPD2XGKZRI00051G
- 40°C to +85°C
Industrial
1536.22
195.15
H51
80km
TPD2XGKZRI00050G
- 40°C to +85°C
Industrial
1537.00
195.05
H50
80km
TPD2XGKZRI00049G
- 40°C to +85°C
Industrial
1537.79
194.95
H49
80km
TPD2XGKZRI00048G
- 40°C to +85°C
Industrial
1538.58
194.85
H48
80km
TPD2XGKZRI00047G
- 40°C to +85°C
Industrial
1539.37
194.75
H47
80km
TPD2XGKZRI00046G
- 40°C to +85°C
Industrial
1540.16
194.65
H46
80km
TPD2XGKZRI00045G
- 40°C to +85°C
Industrial
1540.95
194.55
H45
80km
TPD2XGKZRI00044G
- 40°C to +85°C
Industrial
1541.75
194.45
H44
80km
TPD2XGKZRI00043G
- 40°C to +85°C
Industrial
1542.54
194.35
H43
80km
TPD2XGKZRI00042G
- 40°C to +85°C
Industrial
1543.33
194.25
H42
80km
TPD2XGKZRI00041G
- 40°C to +85°C
Industrial
1544.13
194.15
H41
80km
TPD2XGKZRI00040G
- 40°C to +85°C
Industrial
1544.92
194.05
H40
80km
TPD2XGKZRI00039G
- 40°C to +85°C
Industrial
1545.72
193.95
H39
80km
TPD2XGKZRI00038G
- 40°C to +85°C
Industrial
1546.52
193.85
H38
80km
TPD2XGKZRI00037G
- 40°C to +85°C
Industrial
1547.32
193.75
H37
80km
TPD2XGKZRI00036G
- 40°C to +85°C
Industrial
1548.11
193.65
H36
80km
TPD2XGKZRI00035G
- 40°C to +85°C
Industrial
1548.91
193.55
H35
80km
TPD2XGKZRI00034G
- 40°C to +85°C
Industrial
1549.72
193.45
H34
80km
TPD2XGKZRI00033G
- 40°C to +85°C
Industrial
1550.52
193.35
H33
80km
TPD2XGKZRI00032G
- 40°C to +85°C
Industrial
1551.32
193.25
H32
80km
TPD2XGKZRI00031G
- 40°C to +85°C
Industrial
1552.12
193.15
H31
80km
TPD2XGKZRI00030G
- 40°C to +85°C
Industrial
1552.93
193.05
H30
80km
TPD2XGKZRI00029G
- 40°C to +85°C
Industrial
1553.73
192.95
H29
80km
TPD2XGKZRI00028G
- 40°C to +85°C
Industrial
1554.54
192.85
H28
80km
TPD2XGKZRI00027G
- 40°C to +85°C
Industrial
1555.34
192.75
H27
80km
TPD2XGKZRI00026G
- 40°C to +85°C
Industrial
1556.15
192.65
H26
80km
TPD2XGKZRI00025G
- 40°C to +85°C
Industrial
1556.96
192.55
H25
80km
TPD2XGKZRI00024G
- 40°C to +85°C
Industrial
1557.77
192.45
H24
80km
TPD2XGKZRI00023G
- 40°C to +85°C
Industrial
1558.58
192.35
H23
80km
TPD2XGKZRI00022G
- 40°C to +85°C
Industrial
1559.39
192.25
H22
80km
TPD2XGKZRI00021G
- 40°C to +85°C
Industrial
1560.20
192.15
H21
80km
TPD2XGKZRI00020G
- 40°C to +85°C
Industrial
1561.01
192.05
H20
80km
TPD2XGKZRI00019G
- 40°C to +85°C
Industrial
1561.83
191.95
H19
80km
TPD2XGKZRI00018G
- 40°C to +85°C
Industrial
1562.64
191.85
H18
80km
TPD2XGKZRI00017G
- 40°C to +85°C
Industrial
1563.45
191.75
H17
80km
TPD2XGKZRI00016G
- 40°C to +85°C
Industrial
1564.27
191.65
H16
80km


Numéro de pièce similaire - TPD2XGKZRC00026G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD2XGKZRC00026G OPLINK-TPD2XGKZRC00026G Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results

Description similaire - TPD2XGKZRC00026G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com