Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1XGKZRC00029G Fiches technique(PDF) 2 Page - OPLINK Communications Inc.

No de pièce TPD1XGKZRC00029G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPLINK [OPLINK Communications Inc.]
Site Internet  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRC00029G Fiches technique(HTML) 2 Page - OPLINK Communications Inc.

  TPD1XGKZRC00029G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRC00029G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPD1XGKZRxxG
Oplink Communications, Inc
S0252. Rev.04. (web) 2012-08-08
2
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They
must be operated under specified operating
conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Center Wavelength 1
λ
C
See Ordering Information Table
nm
Average Optical Output Power
PAvg
0
-
+ 5
dBm
Extinction Ratio
ER
8.2
-
-
dB
Relative Intensity Noise
RIN
-
-
- 128
dB/Hz
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Return Loss Tolerance
-
-
-
- 21
dB
Optical Output Eye
Compliant with IEEE 802.3ae
1
BOL : ±0.05nm from ITU grid; EOL: ±0.1nm from ITU grid.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Wavelength of Operation
λ
1530
-
1565
nm
Receiver Sensitivity @ 10.3125Gb/s 1
P
min_BB
-
-
- 23
dBm
Receiver Sensitivity with 80km Fiber@10.3125Gb/s 1
P
min_Fiber
-
-
- 20
dBm
Maximum Input Optical Power (10 -12 BER)
Pmax
- 8
-
-
dBm
Receiver Reflectance
-
-
-
- 27
dB
LOS Hysteresis
-
0.5
-
-
dB
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 25
dBm
Decreasing Light Input
Plos-
- 38
-
-
1
Specified with BER <1x10-12 and PRBS 2 31-1.
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


Numéro de pièce similaire - TPD1XGKZRC00029G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD1XGKZRC00029G OPLINK-TPD1XGKZRC00029G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Description similaire - TPD1XGKZRC00029G

FabricantNo de pièceFiches techniqueDescription
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com