Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCE1G86W5 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce 74LVCE1G86W5
Description  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G86W5 Fiches technique(HTML) 4 Page - Diodes Incorporated

  74LVCE1G86W5 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVCE1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVCE1G86
Document number: DS32215 Rev. 2 - 2
4 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.4
5.5
V
Data retention only
1.2
V
VIH
High-level Input Voltage
VCC = 1.4 V to 1.95 V
0.65 X VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.4 V to 1.95 V
0.35 X VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
Vcc=1.4 V
-3
mA
VCC = 1.65 V
-4
VCC = 2.3 V
-8
VCC = 3 V
-16
-24
VCC = 4.5 V
-32
IOL
Low-level output current
Vcc=1.4 V
3
mA
VCC = 1.65 V
4
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.4 to 3V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air
temperature
-40
85
ºC
Note:
4. Unused inputs should be held at Vcc or Ground.


Numéro de pièce similaire - 74LVCE1G86W5

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G86W5 DIODES-74LVCE1G86W5 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results

Description similaire - 74LVCE1G86W5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com