Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCE1G86W5 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74LVCE1G86W5
Description  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G86W5 Fiches technique(HTML) 1 Page - Diodes Incorporated

  74LVCE1G86W5 Datasheet HTML 1Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 2Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G86W5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVCE1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVCE1G86
Document number: DS32215 Rev. 2 - 2
1 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Description
The 74LVCE1G86 is a single 2-input positive EXCLUSIVE
OR gate with a standard totem pole output. The device is
designed for operation with a power supply range of 1.4V to
5.5V. The inputs are tolerant to 5.5V allowing this device to
be used in a mixed voltage environment. The device is fully
specified for partial power down applications using IOFF. The
IOFF circuitry disables the output preventing damaging current
backflow when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
=
or
B
A
B
A
Y
+
=
Features
Extended Supply Voltage Range from 1.4 to 5.5V
Switching speed characterized for operation at 1.5V
Offers 30% speed improvement over LVC at 1.8V.
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
Direct Interface with TTL Levels
SOT25, SOT353 and DFN1410: Assembled with “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
2
3
(Top View)
DFN1410 (Note 2)
A
B
GND
Y
Vcc
NC
4
6
5
1
Applications
Voltage Level Shifting
Bus Driver / Repeater
Parity Bit Generation
Selectable signal Inverter
Power Down Signal Isolation
General Purpose Logic
Wide array of products such as.
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pin 2 and pin 5 of the DFN1410 package are internally connected.


Numéro de pièce similaire - 74LVCE1G86W5

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G86W5 DIODES-74LVCE1G86W5 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results

Description similaire - 74LVCE1G86W5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com