Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCE1G02FZ4-7 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce 74LVCE1G02FZ4-7
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVCE1G02FZ4-7 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button 74LVCE1G02FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 10Page - Diodes Incorporated 74LVCE1G02FZ4-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVCE1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVCE1G02
Document number: DS32211 Rev. 2 - 2
7 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Parameter Measurement Information
Vcc
Inputs
VM
CL
RL
VI
tr/tf
1.5V±0.1V
VCC
≤2ns
VCC/2
15pF
1M
1.8V±0.15V
VCC
≤2ns
VCC/2
15pF
1M
2.5V±0.2V
VCC
≤2ns
VCC/2
15pF
1M
3.3V±0.3V
3V
≤2.5ns
1.5V
15pF
1M
5V±0.5V
VCC
≤2.5ns
VCC/2
15pF
1M
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - 74LVCE1G02FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G02FZ4 DIODES-74LVCE1G02FZ4 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
More results

Description similaire - 74LVCE1G02FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com