Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-070A-000E Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-070A-000E
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-070A-000E Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-070A-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-070A-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
IEC/EN/DIN EN 60747-5-2
Insulation Related Characteristics (HCPL-4701 OPTION 060 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 300 V rms
I-IV
for rated mains voltage
≤ 450 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.87 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test,
VPR
945
V peak
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 16, Thermal Derating curve.)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN
60747-5-2, for a detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in
application.


Numéro de pièce similaire - HCPL-070A-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-070A HP-HCPL-070A Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A AVAGO-HCPL-070A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-070A BOARDCOM-HCPL-070A Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
More results

Description similaire - HCPL-070A-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com