Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7127KRUZ140 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7127KRUZ140
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7127KRUZ140 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7127KRUZ140 Datasheet HTML 7Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 8Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 9Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 10Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 11Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 12Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 13Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 14Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADV7127
–11–
REV. 0
3 V–Typical Performance Characteristics
(VAA = +3 V, VREF = 1.235 V, IOUT =17.62
A, 50
Doubly Terminated Load, Differential Output Loading, TA = +25 C)
FREQUENCY – MHz
70
0
0.1
2.51
5.04
20.2
40.4
100
60
50
40
20
10
30
SFDR (SE)
SFDR (DE)
Figure 11. SFDR vs. fOUT @ fCLOCK =
140 MHz (Single-Ended and
Differential)
FREQUENCY – MHz
76
74
56
0
160
50
100
140
68
62
60
58
72
70
64
66
4th HARMONIC
3rd HARMONIC
2nd HARMONIC
Figure 14. THD vs. fCLOCK @ fOUT =
2 MHz (2nd, 3rd and 4th Harmonics)
VAA = 3.3V
1
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
fOUT = 2.5MHz
SING O/P
2
Figure 17. Single-Tone SFDR @
fCLOCK = 140 MHz (fOUT1 = 2 MHz)
FREQUENCY – MHz
80
0
70
40
30
20
10
60
50
0.1
100
1.0
2.51
5.04
20.2
40.4
SFDR (SE)
SFDR (DE)
Figure 12. SFDR vs. fOUT @ fCLOCK =
50 MHz (Single-Ended and
Differential)
IOUT – mA
1.0
0.9
0.0
020
2
17.62
0.4
0.3
0.2
0.1
0.6
0.5
0.8
0.7
Figure 15. Linearity vs. IOUT
VAA = 3.3V
1
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
fOUT = 20MHz
SING O/P
2
Figure 18. Single-Tone SFDR @
fCLOCK = 140 MHz (fOUT1 = 20 MHz)
TEMPERATURE – C
72.0
71.8
70.4
0
165
20
85
145
71.2
71.0
70.8
70.6
71.6
71.4
SFDR (fOUT = 1MHz)
Figure 13. SFDR vs. Temperature @
fCLOCK = 50 MHz, (fOUT = 1 MHz)
1.00
0.50
0.00
–0.50
0.75
1023
–0.42
–1.00
CODE– INL
Figure 16. Typical Linearity
VAA = 3.3V
1
–5.0
–45.0
–85.0
0kHz
START
35.0MHz
70.0MHz
STOP
CLK = 140MHz
DUAL TONE
SING O/P
2
Figure 19. Dual-Tone SFDR @ fCLOCK
= 140 MHz (fOUT1 = 13.5 MHz, fOUT2 =
14.5 MHz)


Numéro de pièce similaire - ADV7127KRUZ140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
375Kb / 18P
   10-Bit, High Speed Video DAC
More results

Description similaire - ADV7127KRUZ140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com