Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9516-5BCPZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD9516-5BCPZ
Description  14-Output Clock Generator
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9516-5BCPZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD9516-5BCPZ Datasheet HTML 5Page - Analog Devices AD9516-5BCPZ Datasheet HTML 6Page - Analog Devices AD9516-5BCPZ Datasheet HTML 7Page - Analog Devices AD9516-5BCPZ Datasheet HTML 8Page - Analog Devices AD9516-5BCPZ Datasheet HTML 9Page - Analog Devices AD9516-5BCPZ Datasheet HTML 10Page - Analog Devices AD9516-5BCPZ Datasheet HTML 11Page - Analog Devices AD9516-5BCPZ Datasheet HTML 12Page - Analog Devices AD9516-5BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AD9516-5
Rev. A | Page 9 of 76
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER USED)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVPECL = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
210
fs rms
Calculated from SNR of ADC method
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVDS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
285
fs rms
Calculated from SNR of ADC method
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; CMOS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
350
fs rms
Calculated from SNR of ADC method
DELAY BLOCK ADDITIVE TIME JITTER
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY BLOCK ADDITIVE TIME JITTER1
Incremental additive jitter
100 MHz Output
Delay (1600 μA, 0x1C) Fine Adjust 000000b
0.54
ps rms
Delay (1600 μA, 0x1C) Fine Adjust 101111b
0.60
ps rms
Delay (800 μA, 0x1C) Fine Adjust 000000b
0.65
ps rms
Delay (800 μA, 0x1C) Fine Adjust 101111b
0.85
ps rms
Delay (800 μA, 0x4C) Fine Adjust 000000b
0.79
ps rms
Delay (800 μA, 0x4C) Fine Adjust 101111b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adjust 000000b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adjust 101111b
2.0
ps rms
Delay (200 μA, 0x1C) Fine Adjust 000000b
1.3
ps rms
Delay (200 μA, 0x1C) Fine Adjust 101111b
2.5
ps rms
Delay (200 μA, 0x4C) Fine Adjust 000000b
1.9
ps rms
Delay (200 μA, 0x4C) Fine Adjust 101111b
3.8
ps rms
1 This value is incremental; that is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.


Numéro de pièce similaire - AD9516-5BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-5BCPZ-REEL7 AD-AD9516-5BCPZ-REEL7 Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
More results

Description similaire - AD9516-5BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com