Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7948BRS Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7948BRS
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7948BRS Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7948BRS Datasheet HTML 7Page - Analog Devices AD7948BRS Datasheet HTML 8Page - Analog Devices AD7948BRS Datasheet HTML 9Page - Analog Devices AD7948BRS Datasheet HTML 10Page - Analog Devices AD7948BRS Datasheet HTML 11Page - Analog Devices AD7948BRS Datasheet HTML 12Page - Analog Devices AD7948BRS Datasheet HTML 13Page - Analog Devices AD7948BRS Datasheet HTML 14Page - Analog Devices AD7948BRS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–11–
Typical Performance Curves
VREF – Volts
0.5
0.4
0
210
4
68
0.3
0.2
0.1
VDD = +5V
TA = +25 C
OP AMP = AD843
Figure 5. Differential Nonlinearity Error vs.
VREF (Normal Mode)
VREF – Volts
1.0
0.9
0
210
46
8
0.6
0.3
0.2
0.1
0.8
0.7
0.4
0.5
VDD = +5V
TA = +25 C
OP AMP = AD843
Figure 6. Integral Nonlinearity Error vs.
VREF (Normal Mode)
INPUT CODE
0.50
0.25
–0.50
0
4095
1024
2048
3072
0.00
–0.25
VDD = +5V
VREF = +10V
OP AMP = AD843
TA = +25 C
Figure 7. All Codes Linearity In Normal Mode (VDD = +5 V)
|VREF – VBIAS| – Volts
6
0
0.2
1.4
0.4
0.6
0.8
1.0
1.2
5
4
3
2
1
VDD = +3.3V
TA = +25 C
OP AMP = AD820
Figure 8. Linearity Error vs. VREF (Biased Mode)


Numéro de pièce similaire - AD7948BRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7948BRS AD-AD7948BRS Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BRS AD-AD7948BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BRS AD-AD7948BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BRS AD-AD7948BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948BRS AD-AD7948BRS Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
More results

Description similaire - AD7948BRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com