Moteur de recherche de fiches techniques de composants électroniques |
|
AM27X020-90PI Fiches technique(PDF) 3 Page - Advanced Micro Devices |
|
AM27X020-90PI Fiches technique(HTML) 3 Page - Advanced Micro Devices |
3 / 10 page Am27X020 3 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27X020 2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device AM27X020 -75 J C CODE DESIGNATION Assigned by AMD TEMPERATURE RANGE C = Commercial (0 °C to +70 °C) I= Industrial (–40 °C to +85°C) PACKAGE TYPE P = 32-Pin Plastic Dual In-Line Package (PD 032) J = 32-Pin Plastic Leaded Chip Carrier (PL 032) SPEED OPTION See Product Selector Guide and Valid Combinations XXXXX Valid Combinations AM27X020-75 PC, JC, PI, JI AM27X020-90 AM27X020-120 AM27X020-150 AM27X020-200 AM27X020-255 VCC = 5.0 V ± 5% |
Numéro de pièce similaire - AM27X020-90PI |
|
Description similaire - AM27X020-90PI |