Moteur de recherche de fiches techniques de composants électroniques |
|
3-1376392-4 Fiches technique(PDF) 6 Page - Tyco Electronics |
|
3-1376392-4 Fiches technique(HTML) 6 Page - Tyco Electronics |
6 / 98 page 140 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued) AMP Soft Shell Pin and Socket Connectors Material and Finish Housing—6/6 Nylon, glass filled Tab Contacts -Copper Alloy, Tin plated Related Product Data Mating Plug Housings—page 138 Vertical Header Assembly Type of Keying/Color Section X-X PC Board Layout No. of Mating Pos. AB Tube Type A Type B Type C Type D Plug Housing (Qty.) Natural Red Blue Yellow Part Number 2 11.6 — L.P 1376382-1 1-1376382-2 2-1376382-3 3-1376382-4 -1376388- Tube 1376437-1 (40) 1-1376437-2 (40) 2-1376437-3 (40) 3-1376437-4 (40) 3 16.6 10 L.P 1376383-1 1-1376383-2 2-1376383-3 3-1376383-4 -1376389- Tube 1376439-1 (25) 1-1376439-2 (25) 2-1376439-3 (25) 3-1376439-4 (25) 4 21.6 15 L.P 1376384-1 1-1376384-2 2-1376384-3 3-1376384-4 -1376390- Tube 1376440-1 (20) 1-1376440-2 (20) 2-1376440-3 (20) 3-1376440-4 (20) 6 31.6 25 L.P 1376385-1 1-1376385-2 2-1376385-3 3-1376385-4 -1376391- Tube 1376441-1 (15) 1-1376441-2 (15) 2-1376441-3 (15) 3-1376441-4 (15) 2* 16.6 10 L.P 1376421-1 1-1376421-2 2-1376421-3 3-1376421-4 -1376389- Tube 1376444-1 (25) 1-1376444-2 (25) 2-1376444-3 (25) 3-1376444-4 (25) *10 mm centerline Note: Dimensions shown are metric. Note: All part numbers are RoHS Compliant. Vertical Header Assy. Part No. Type of Keying/Color Dimensions Loose Piece |
Numéro de pièce similaire - 3-1376392-4 |
|
Description similaire - 3-1376392-4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |