Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2024B Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TPS2024B
Description  Digital Storage Oscilloscopes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2024B Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TPS2024B Datasheet HTML 1Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2024B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Four IsolatedChannelinputs and isolated external trigger input for quick, accurate,
affordable floating and differential measurements.
Selecting the right probes for the job
Different passive probes are available, depending on your application. With
the included TPP0101/TPP0201 passive probes, the TPS2000B can
measure up to 400 Vp-p. However, to meet the safety rating of the TPP0101/
TPP0201, the reference lead of the probe must be maintained within
30 VRMS relative to ground. Because of this, the TPP0101/TPP0201 probes
are well suited for working on digital and analog circuits in which the
maximum voltage never exceeds 30 VRMS.
Measurements on power conversion electronics usually require probes with
higher voltage ratings. Tektronix offers two passive probes with insulation
systems specifically designed for making floating measurements. With their
100X attenuation, and 1000 VRMS rating, the optional P5122 probes (when
coupled with the TPS2000B) are suitable for making measurements on
480 VRMS devices in Category II environments, with a maximum float
voltage of up to 600 VRMS relative to earth ground. With the optional
P5150 probe, the TPS2000B can measure up to 2000 Vp-p, with a maximum
float voltage within 600 VRMS of ground. The P5150 is the best choice for
making AC-coupled ripple measurements on high-voltage DC power
supplies.
Please see "Characteristics" for complete safety ratings and specifications.
Input signal and float voltage maximum safety ratings.
Speed the design and test of industrial power
systems and circuits
From mobile phones to industrial motor drives, power conversion
technology has enabled significant advances in size, performance, and
energy efficiency. But even the most basic task of viewing a converter's
input and output is complicated by multiple voltage references. Multiple
references also make it challenging to view signals from control circuits and
power circuits at the same time. Using ground-referenced oscilloscopes in
these applications, without appropriate differential probes, can damage
circuits and produce bad measurements. For debugging power conversion
electronics, IsolatedChannel technology reduces the risk of damage and
unintended circuit interactions.
For performing power system measurements, TPS2PWR1 power
application software is available as an option for the TPS2000B. It provides
advanced power measurements right on the oscilloscope, at an entry-level
price.
Scope/Probe (Attenuation)
Maximum Safety Ratings
TPS2000 Viewable Signal
Reference Float Safety Rating
Input Signal Safety Rating
On-screen Peak-Peak Voltage
(Sinusoid centered at 0 V)
On-screen RMS Voltage
(Sinusoid centered at 0 V)
TPS2000B Input (1X)
600 VRMSCAT II
300 VRMSCAT II
40 Vp-p
14.1 VRMS
TPP0101 (100 MHz)
30 VRMS
300 VRMSCAT II
400 Vp-p
141 VRMS
TPP0201 (200 MHz)
30 VRMS
300 VRMSCAT II
400 Vp-p
141 VRMS
P5150 (50X)
600 VRMSCAT II
1000 VRMSCAT II
2000 Vp-p
705 VRMS
P5122 (100X)
600 VRMSCAT II
1000 VRMSCAT II
2828 Vp-p
1000 VRMS
Datasheet
2 www.tektronix.com


Numéro de pièce similaire - TPS2024B

FabricantNo de pièceFiches techniqueDescription
logo
TEKTRONIX, INC.
TPS2024B TEKTRONIX-TPS2024B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
More results

Description similaire - TPS2024B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
   Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com