Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS2024C Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce TDS2024C
Description  Digital Storage Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2024C Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TDS2024C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS2024C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Input-output interfaces
USB Ports
The USB host port on the front panel supports USB flash drives
The USB device port on the back of the instrument supports connection to a PC and to all PictBridge-compatible printers
GPIB
Optional
Nonvolatile storage
Reference waveform display
Two 2.5k point reference waveforms
Waveform storage without USB
flash drive
TDS2001C, TDS2002C, TDS2012C, TDS2022C: Two 2.5k point waveforms
TDS2004C, TDS2014C, TDS2024C: Four 2.5k point waveforms
Maximum USB flash drive size
64 GB
Waveform storage with USB flash
drive
96 or more reference waveforms per 8 MB
Setups without USB flash drive
10 front-panel setups
Setups with USB flash drive
4,000 or more front-panel setups per 8 MB
Screen images with USB flash
drive
128 or more screen images per 8 MB.
The actual number of images depends on the file format selected
Save All with USB flash drive
12 or more Save All operations per 8 MB
A single Save All operation creates 3 to 9 files (setup, image, plus one file for each displayed waveform)
Power source
Power source
Source voltage
Full range: 100 to 240 VAC RMS ±10%, Installation Category II (covers range of 90 to 264 VAC)
Power consumption
Power consumption: Less than 30 W at 85 to 275 VAC input
Physical characteristics
Instrument dimensions
Height
158.0 mm (6.2 inches)
Width
326.3 mm (12.8 inches)
Depth
124.2 mm (4.9 inches)
Instrument weight
Instrument only
2.0 kg (4.4 lb)
Instrument with accessories
2.2 kg (4.9 lb)
Shipping package dimensions
Height
266.7 mm (10.5 inches)
Width
476.2 mm (18.7 inches)
Depth
228.6 mm (9.0 inches)
RM2000B rackmount dimensions
Height
482.6 mm (19.0 inches)
Width
177.8 mm (7.0 inches)
Depth
108.0 mm (4.3 inches)
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 7


Numéro de pièce similaire - TDS2024C

FabricantNo de pièceFiches techniqueDescription
logo
TEKTRONIX, INC.
TDS2024C TEKTRONIX-TDS2024C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results

Description similaire - TDS2024C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
   Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com