Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1322-075 Fiches technique(PDF) 2 Page - Alpha Industries

No de pièce SMP1322-075
Description  Low Resistance Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHA [Alpha Industries]
Site Internet  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1322-075 Fiches technique(HTML) 2 Page - Alpha Industries

  SMP1322-075 Datasheet HTML 1Page - Alpha Industries SMP1322-075 Datasheet HTML 2Page - Alpha Industries SMP1322-075 Datasheet HTML 3Page - Alpha Industries SMP1322-075 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Low Resistance Plastic Packaged PIN Diodes
SMP1322 Series
Series Resistance vs. Current @ 100 MHz
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
0
1
2
5
10
20
50
Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Reverse Voltage (V)
1 MHz–1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0 V
10 V
40 V
Typical Performance Data
RR
R
R
R
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
9.500
9.400
9.900
10.500
10.900
0.10
3.000
3.000
3.000
3.300
3.500
0.30
1.500
1.500
1.500
1.600
1.800
0.50
1.100
1.100
1.200
1.200
1.400
1.00
0.922
0.914
0.902
0.963
1.100
10.00
0.568
0.559
0.533
0.563
0.655
20.00
0.532
0.520
0.494
0.521
0.610
100.00
0.483
0.469
0.440
0.464
0.565
Resistance vs. Temperature @ 500 MHz
SMP1322-007
In the -007 configuration of the SOT-23 package, the package
inductance is effectively reduced to 0.4 nH, in comparison to
the 1.5 nH value of the standard configuration. This lower
inductance will be particularly beneficial when the diodes are
used as shunt connected switches at frequencies higher than
500 MHz, where inductance is the primary limitation on
maximum switch isolation.
To achieve the effective 0.4 nH, the SOT-23 package
must be inserted in the microstrip circuit board with a
gap in the trace, as shown
in the figure. Because
of the polarity of the
diode junction, this low
inductance feature is only
realizable with the cathode
connected to ground.
Ground
Gap


Numéro de pièce similaire - SMP1322-075

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1322-075LF SKYWORKS-SMP1322-075LF Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
More results

Description similaire - SMP1322-075

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com