Moteur de recherche de fiches techniques de composants électroniques |
|
AD7492BRU-5-REEL7 Fiches technique(PDF) 7 Page - Analog Devices |
|
AD7492BRU-5-REEL7 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 24 page AD7492 Rev. A | Page 7 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Ratings AVDD to AGND/DGND −0.3 V to +7 V DVDD to AGND/DGND −0.3 V to +7 V VDRIVE to AGND/DGND −0.3 V to +7 V AVDD to DVDD −0.3 V to +0.3 V VDRIVE to DVDD −0.3 V to DVDD + 0.3 V AGND to DGND −0.3 V to +0.3 V Analog Input Voltage to AGND −0.3 V to AVDD + 0.3 V Digital Input Voltage to DGND −0.3 V to DVDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (A and B Versions) −40°C to +85°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C SOIC, TSSOP Package Dissipation 450 mW θJA Thermal Impedance 75°C/W (SOIC) 115°C/W (TSSOP) θJC Thermal Impedance 25°C/W (SOIC) 35°C/W (TSSOP) Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - AD7492BRU-5-REEL7 |
|
Description similaire - AD7492BRU-5-REEL7 |