Moteur de recherche de fiches techniques de composants électroniques |
|
AD7660 Fiches technique(PDF) 8 Page - Analog Devices |
|
AD7660 Fiches technique(HTML) 8 Page - Analog Devices |
8 / 28 page AD7622 Rev. 0 | Page 8 of 28 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 36 35 34 33 32 31 30 29 28 27 26 25 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 10 11 12 48 47 46 45 44 39 38 37 43 42 41 40 PIN 1 IDENTIFIER TOP VIEW (Not to Scale) AGND CNVST PD RESET CS RD DGND AGND AVDD DGND BYTESWAP OB/2C NC = NO CONNECT SER/PAR D0 D1 D2/DIVSCLK[0] BUSY D15 D14 D13 AD7622 D3/DIVSCLK[1] D12 NORMAL WARP Figure 5. Pin Configuration Table 6. Pin Function Descriptions Pin No. Mnemonic Type1 Description 1, 36, 41, 42 AGND P Analog Power Ground. 2, 44 AVDD P Input Analog Power Pins. Nominally 2.5 V. 3 DGND P Digital Power Ground. 4 BYTESWAP DI Parallel Mode Selection (8-Bit/16-Bit). When high, the LSB is output on D[15:8] and the MSB is output on D[7:0]; when low, the LSB is output on D[7:0] and the MSB is output on D[15:8]. 5 OB/2C DI Straight Binary/Binary Twos Complement Output. When high, the digital output is straight binary; when low, the MSB is inverted resulting in a twos complement output from its internal shift register. 6 WARP DI Conversion Mode Selection. When WARP = high and NORMAL = high, this selects wideband warp mode with slightly improved linearity and THD. When WARP = high and NORMAL = low, this selects warp mode. In either mode, these are the fastest modes; maximum throughput is achievable, and a minimum conversion rate must be applied to guarantee full specified accuracy. 7 NORMAL DI Conversion Mode Selection. When NORMAL = low and WARP = low, this input selects normal mode where full accuracy is maintained independent of the minimum conversion rate. 8 SER/PAR DI/O Serial/Parallel Selection Input. When SER/PAR = high, the serial interface is selected and some bits of the data bus are used as a serial port; the remaining data bits are high impedance outputs. When SER/PAR = low, the parallel port is selected. 9, 10 D[0:1] DO Bit 0 and Bit 1 of the Parallel Port Data Output Bus. These pins are always outputs, regardless of the interface mode. 11, 12 D[2:3] DI/O When SER/PAR = low, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus. or DIVSCLK[0:1] When SER/PAR = high, serial clock division selection. When using serial master read after convert mode (EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the internally generated serial clock that clocks the data output. In other serial modes, these pins are high impedance outputs. 13 D4 DI/O When SER/PAR = low, this output is used as Bit 4 of the parallel port data output bus. or EXT/INT When SER/PAR = high, serial clock source select. This input is used to select the internally generated (master) or external (slave) serial data clock. When EXT/INT = low, master mode. The internal serial clock is selected on SCLK output. When EXT/INT = high, slave mode. The output data is synchronized to an external clock signal, gated by CS, connected to the SCLK input. |
Numéro de pièce similaire - AD7660 |
|
Description similaire - AD7660 |