Moteur de recherche de fiches techniques de composants électroniques |
|
AD7503SE Fiches technique(PDF) 3 Page - Analog Devices |
|
AD7503SE Fiches technique(HTML) 3 Page - Analog Devices |
3 / 4 page AD7501/AD7502/AD7503 –3– REV. B ORDERING GUIDE Temperature Package Model l Range Options 2 AD7501KN 0 °C to +70°C N-16 AD7501KQ –25 °C to +85°C Q-16 AD7501SQ –55 °C to +125°C Q-16 AD7501SE –55 °C to +125°C E-20A AD7502KN 0 °C to +70°C N-16 AD7502KQ –25 °C to +85°C Q-16 AD7502SQ –55 °C to +125°C Q-16 AD7502SE –55 °C to +125°C E-20A AD7503KN 0 °C to +70°C N-16 AD7503KQ –25 °C to +85°C Q-16 AD7503SQ –55 °C to +125°C Q-16 AD7503SE –55 °C to +125°C E-20A NOTES 1To order MIL-STD-883, Class B processed parts, add/883B to part number. See the Analog Devices’ 1990 Military Databook for military data sheet. 2E = LCC; N = PDIP; Q = CERDIP. PIN CONFIGURATIONS Typical Performance Characteristics Figure 1a. RON vs. VS At Different Power Supplies Figure 1b. RON vs. VS At Different Temperatures Figure 2a. Digital Threshold Voltage (VINH, VINL) vs. Power Supply Figure 2b. Digital Threshold Voltage (VINH, VINL) vs. Temperature LCC Figure 3. tON, tOFF vs. Digital Input Voltage Figure 4. Power Dissipation vs. Logic Frequency (50% Duty Cycle) PDIP CERDIP |
Numéro de pièce similaire - AD7503SE |
|
Description similaire - AD7503SE |