Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1352-011 Fiches technique(PDF) 1 Page - Alpha Industries

No de pièce SMP1352-011
Description  Large Signal Switching Plastic Packaged PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHA [Alpha Industries]
Site Internet  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1352-011 Fiches technique(HTML) 1 Page - Alpha Industries

  SMP1352-011 Datasheet HTML 1Page - Alpha Industries SMP1352-011 Datasheet HTML 2Page - Alpha Industries SMP1352-011 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Large Signal Switching
Plastic Packaged PIN Diodes
Features
s Designed for Large Signal Switches
s Frequency Range from HF to > 2 GHz
s Base Station and Handset Applications
s Industry Standard Surface Mount
Packages
s Designed for High Volume Applications
s Available in Tape and Reel Packaging
Description
The SMP1352 series of plastic packaged, surface
mountable, low capacitance (0.3 pF) silicon PIN diodes
are designed for large signal switch applications from
10 MHz to beyond 2 GHz. These diodes have a reverse
voltage rating of 200 V and are designed for use in low
distortion switches that are required to hold off large RF
voltages. The nominal 50
µm I region width, combined with
the typical 1.5
µS carrier lifetime, results in a PIN diode
with low forward resistance and low distortion
characteristics.
SMP1352 Series
Characteristic
Value
Reverse Voltage (VR)
200 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1C
Absolute Maximum Ratings
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 200 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 20 V
0.35
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
11.0
15.0
Resistance (RS)
F = 100 MHz, I = 10 mA
2.0
2.8
Resistance (RS)
F = 100 MHz, I = 100 mA
1.0
1.35
Forward Voltage (VF)
IF = 10 mA
0.80
V
Carrier Lifetime (TI)
IF = 10 mA
1.0
µS
I Region Width
50
µm
Electrical Specifications at 25°C
Series Pair
Single
Single
Marking: PR2
SOT-23
SOD-323
SC-79
o SMP1352-005
o SMP1352-011
o SMP1352-079
LS = 1.5 nH
LS = 1.5 nH
LS = 0.7 nH
o Available through distribution.


Numéro de pièce similaire - SMP1352-011

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
   Large Signal Switching, Plastic Packaged PIN Diodes
More results

Description similaire - SMP1352-011

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SMP1352 SKYWORKS-SMP1352_15 Datasheet
863Kb / 9P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1352 SKYWORKS-SMP1352 Datasheet
182Kb / 4P
   Large Signal Switching, Plastic Packaged PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1340 SKYWORKS-SMP1340_15 Datasheet
744Kb / 8P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com