Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD667BD Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD667BD
Description  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD667BD Fiches technique(HTML) 2 Page - Analog Devices

  AD667BD Datasheet HTML 1Page - Analog Devices AD667BD Datasheet HTML 2Page - Analog Devices AD667BD Datasheet HTML 3Page - Analog Devices AD667BD Datasheet HTML 4Page - Analog Devices AD667BD Datasheet HTML 5Page - Analog Devices AD667BD Datasheet HTML 6Page - Analog Devices AD667BD Datasheet HTML 7Page - Analog Devices AD667BD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIMING SPECIFICATIONS
(All Models, TA = +25°C, VCC = +12 V or +15 V, VEE = –12 V or –15 V)
Symbol
Parameter
Min
Typ
Max
tDC
Data Valid to End of CS
50
ns
tAC
Address Valid to End of CS
100
_
_
ns
tCP
CS
Pulse Width
100
ns
tDH
Data Hold Time
0
ns
tSETT
Output Voltage Settling Time
2
4
µs
AD667–SPECIFICATIONS (@ T
A = +25 C,
12 V,
15 V power supplies unless otherwise noted)
Model
AD667J
AD667K
Min
Typ
Max
Min
Typ
Max
Units
DIGITAL INPUTS
Resolution
12
12
Bits
Logic Levels (TTL, Compatible, TMIN–TMAX)
1
VIH (Logic “l’’)
+2.0
+5.5
+2.0
+5.5
V
VIL (Logic “0”)
0
+0.8
0
+0.8
V
IIH (VIH = 5.5 V)
3
10
3
10
µA
IIL (VIL = 0.8 V)
1
5
1
5
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ +25
°C
+1/4
1/2
± 1/8
1/4
LSB
TA = TMIN to TMAX
± 1/2
3/4
± 1/4
1/2
LSB
Differential Linearity Error @ +25
°C
± 1/2
3/4
± 1/4
1/2
LSB
TA = TMIN to TMAX
Monotonicity Guaranteed
Monotonicity Guaranteed
LSB
Gain Error
2
± 0.1
0.2
± 0.1
0.2
% FSR
3
Unipolar Offset Error
2
± 1
2
± 1
2
LSB
Bipolar Zero
2
± 0.05
0.1
± 0.05
0.1
% of FSR
DRIFT
Differential Linearity
± 2
± 2
ppm of FSR/
°C
Gain (Full Scale) TA = 25°C to TMIN or TMAX
± 5
± 30
± 5
± 15
ppm of FSR/
°C
Unipolar Offset TA = –25°C to TMIN or TMAX
± 1
± 3
± 3
ppm of FSR/
°C
Bipolar Zero TA = 25°C to TMIN or TMAX
± 5
± 10
± 10
ppm of FSR/
°C
CONVERSION SPEED
Settling Time to
± 0.01% of FSR for
FSR Change (2 k
Ω 500 pF Load)
with 10 k
Ω Feedback
3
4
3
4
µs
with 5 k
Ω Feedback
2
3
2
3
µs
For LSB Change
1
1
µs
Slew Rate
10
10
V/
µs
ANALOG OUTPUT
Ranges
4
± 2.5, ±5, ± 10,
± 2.5, ±5, ±10,
V
+5, +10
+5, +10
Output Current
± 5
± 5mA
Output Impedance (DC)
0.05
0.05
Short Circuit Current
40
40
mA
REFERENCE OUTPUT
9.90
10.00
10.10
9.90
10.00
10.10
V
External Current
0.1
1.0
0.1
1.0
mA
POWER SUPPLY SENSITIVITY
VCC = +11.4 V to +16.5 V dc
5
10
5
10
ppm of FS/%
VEE = –11.4 V to –16.5 V dc
5
10
5
10
ppm of FS/%
POWER SUPPLY REQUIREMENTS
Rated Voltages
± 12, ± 15
± 12, ± 15
V
Range
4
11.4
16.5
11.4
16.5
V
Supply Current
+11.4 V to +16.5 V dc
8
12
8
12
mA
–11.4 V to –16.5 V dc
20
25
20
25
mA
TEMPERATURE RANGE
Specification
0
+70
0
+70
°C
Storage
–65
+125
–65
+125
°C
NOTES
1The digital input specifications are 100% tested at +25
°C, and guaranteed but not tested over the full temperature range.
2Adjustable to zero.
3FSR means “Full-Scale Range” and is 20 V for
±10 V range and 10 V for the ±5 V range.
4A minimum power supply of
±12.5 V is required for a ±10 V full-scale output and ±11.4 V is required for all other voltage ranges.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical
test. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed, although only those shown in boldface are tested
on all production units.
ABSOLUTE MAXIMUM RATINGS
VCC to Power Ground . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V
VEE to Power Ground . . . . . . . . . . . . . . . . . . . . . 0 V to –18 V
Digital Inputs (Pins 11–15, 17–28)
to Power Ground . . . . . . . . . . . . . . . . . . . . –1.0 V to +7.0 V
Ref In to Reference Ground . . . . . . . . . . . . . . . . . . . . . .
±12 V
Bipolar Offset to Reference Ground . . . . . . . . . . . . . . . .
±12 V
10 V Span R to Reference Ground . . . . . . . . . . . . . . . . .
±12 V
20 V Span R to Reference Ground . . . . . . . . . . . . . . . . .
±24 V
Ref Out, VOUT (Pins 6, 9) . . Indefinite Short to Power Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to VCC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
REV. A
–2–


Numéro de pièce similaire - AD667BD

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD667BD AD-AD667BD Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667BD AD-AD667BD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667BD AD-AD667BD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Description similaire - AD667BD

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com