Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP130-15WL-7 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce AP130-15WL-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-15WL-7 Fiches technique(HTML) 6 Page - Diodes Incorporated

Back Button AP130-15WL-7 Datasheet HTML 2Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 3Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 4Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 5Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 6Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 7Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 8Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 9Page - Diodes Incorporated AP130-15WL-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
6 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
Ordering Information
Output Voltage
Package
Packing
R : SC59R
Lead Free
L : Lead Free
G : Green (Note 9)
SA : SOT23
15 : 1.5V
18 : 1.8V
20 : 2.0V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
35 : 3.5V
7/13 : Tape & Reel
Y : SOT89-3L
YR : SOT89R-3L
W : SC59
AP 130 - XX XX X - X
Device
Package Code
Packaging
(Note 10)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP130-XXWL-7
W
SC59
3000/Tape & Reel
-7
AP130-XXWG-7
W
SC59
3000/Tape & Reel
-7
AP130-XXRL-7
R
SC59R
3000/Tape & Reel
-7
AP130-XXRG-7
R
SC59R
3000/Tape & Reel
-7
AP130-XXSAG-7
SA
SOT23
3000/Tape & Reel
-7
AP130-XXYL-13
Y
SOT89-3L
2500/Tape & Reel
-13
AP130-XXYG-13
Y
SOT89-3L
2500/Tape & Reel
-13
AP130-XXYRL-13
YR
SOT89R-3L
2500/Tape & Reel
-13
AP130-XXYRG-13
YR
SOT89R-3L
2500/Tape & Reel
-13
Notes:
9. SOT23 is available in “Green” product only.
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Numéro de pièce similaire - AP130-15WL-7

FabricantNo de pièceFiches techniqueDescription
logo
Anachip Corp
AP130-15W ANACHIP-AP130-15W Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
More results

Description similaire - AP130-15WL-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com