Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSZ54M Fiches technique(PDF) 2 Page - Honeywell Accelerometers

No de pièce LSZ54M
Description  Interactive Catalog Supplements Catalog PDFs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

LSZ54M Fiches technique(HTML) 2 Page - Honeywell Accelerometers

  LSZ54M Datasheet HTML 1Page - Honeywell Accelerometers LSZ54M Datasheet HTML 2Page - Honeywell Accelerometers LSZ54M Datasheet HTML 3Page - Honeywell Accelerometers LSZ54M Datasheet HTML 4Page - Honeywell Accelerometers LSZ54M Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limit and Enclosed Switches
CX Series
Weather-Sealed Explosion-Proof Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A127
FEATURES
Sealing - applicable portions of NEMA 1,
3, 4, 4X, 6, 6P, 7, 9, and 13
Watertight and dusttight for outdoor use
4-20 mA analog output available
UL Listed, file #E14274
Analog UL file #E68247
CSA Certified, file #LR57324
Rugged cast aluminum housing
Pretravel, overtravel, and actuating
sequence can be field adjusted without
tools (all basics individually)
Rotary types convert in seconds to
clockwise, counterclockwise, or both-
way operation
CX switches are built especially for outdoor
use in hazardous atmospheres. These en-
closures are constructed to withstand the
pressure of an internal explosion. Flame
paths cool the exploded gases to a point
less than the lowest safe operating temper-
ature of the surrounding gas.
O-ring seals make the enclosure weather-
proof but are outside of required flame paths
so explosion proof requirements are main-
tained.
Analog output: either resistive or 4-20 mA is
available.
Operating temperature range is –25° to
+85°C (–13° to 185°F).
NEMA standards: 1, 3, 4, 4X, 6, 6P, 7, 9 and
13.
UL listed: Class I, Div. 1, Groups B (14CX,
16CX, 24CX, 26CX, 36CX, and 84CX only), C
and D; and Class II, Div. 1, Groups E, F and
G. CSA certified: Class I, Div. 1, Groups B
(14CX, 16CX, 24CX, 26CX, 36CX and 84CX
only), C and D; and Class II, Groups E, F and
G.
For rapid response – off the shelf service,
all bold face listings are normally stocked
items.
ROTARY ACTUATED SWITCHES
Short housing
Standard housing
Actuators are not included with switch. Or-
der them separately.
ROTARY LEVERS
Catalog
Lever Type
Listing
1.5 in. lever, no roller
LSZ51
.75 in. roller, front
LSZ51A
.75 in. roller, back
LSZ51C
1.5-3.5 in. adjustable lever
.75 in. roller
LSZ52C
1.0 in. roller
LSZ52J
1.5 in. roller
LSZ52K
1.5 in. yoke roller
.75 in. rollers, back
LSZ53S
.75 in. rollers, each side
LSZ53E
5 in. rod lever
LSZ54M
Hub only
LSZ54
1.5 in. offset lever, no roller
LSZ55
.75 in. roller, back
LSZ55A
.75 in. roller, front
LSZ55C
Rollers are nylon. Non-sparking rollers must
be used in hazardous locations.
ORDER GUIDE
As factory assembled, all basic switches
operate on clockwise and counterclockwise
rotation. Actuating mechanism can be field
adjusted for CW or CCW operation only. No
tools are required.
Catalog Listings
Shaft Restoring
Force To Center
Housing
Basic
Electrical
Description1
With
W/O2
Size
Switch(es)2
Ratings
15 amp. SPDT.
11CX1
Shor
t
BZ(1)
A
11CX2
11CX12
Short
BZ(2)
A
21CX13
Standard
BZ(3)
A
21CX4
21CX14
Standard
BZ(4)
A
20 amp. SPDT.
12CX1
S
hort
BA(1)
B
12CX2
12CX12
Short
BA(2)
B
22CX4
S
tandard
BA(4)
B
Also UL listed for Class I.
14CX1
14CX11
Short
DT(1)
C
Group B (hydrogen atmospheres). 24CX2
24CX12
Standard
DT(2)
C
10 amp. DPDT.
24CX1
3
Standard
DT(3)
C
Also UL listed for
16CX2
16CX12
Short
HS(2)
D
Class I, Group B
26CX4
26CX14
Standard
HS(4)
D
(hydrogen atmospheres).
16CX1
16CX11
Short
HS(1)
D
1 amp, SPDT.
Analog position sensing.*
18CX10
Short
None
Current output (4-20 mA).
281CX12
Standard
BZ(2)
A
284CX12
Standard
DT(2)
C
1 amp, SPDT with
1172CX2 1172CX12
Short
BZ(2)
F
gold contacts.
* Where noted, BZ basic switches are 15 amp, SPDT; DT basic switchs are 10 amp DPDT. Refer to next page for
analog position sensing specifications.
1
Basic switches operate nearly simultane-
ously in multiple switch devices.
2
Shafts of devices without shaft restoring
force can be rotated through 360°.
Basic switches will be in operated mode
through two 105° sections.
Eight side mounting holes can be tapped
5/16 -18.
MOUNTING HOLES
Add the letter A to listings with side mount-
ing holes tapped 5/16-18(8).
Example: 11CX2A
Add the letter B to listings with thru mount-
ing holes tapped 3/8-24(4).
Example: 11CX2B.


Numéro de pièce similaire - LSZ54M

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
LSZ54M HONEYWELL-LSZ54M Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Description similaire - LSZ54M

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com