Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2D101MND9 Fiches technique(PDF) 1 Page - Nichicon corporation

No de pièce UCS2D101MND9
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2D101MND9 Fiches technique(HTML) 1 Page - Nichicon corporation

  UCS2D101MND9 Datasheet HTML 1Page - Nichicon corporation UCS2D101MND9 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS
series
Miniature Sized, High Ripple Current, High Reliability
High ripple current and Long Life product withstanding
load life of 8000 to 10000 hours at +105°C.
Suited for ballast application.
Compliant to the RoHS directive (2011/65/EU).
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
C
2
S
3
2
4
E
5
1
6
0
7
1
8
M
910
11
Capacitance tolerance (
±20%)
Rated capacitance (100
µF)
Rated voltage (250V)
H D
12
T
Size code
2
Series name
Type
L +1.5MAX.
15 MIN
4 MIN
Radial Lead Type
Pencil - shaped Type
Sleeve (P.E.T.)
φd
Pressure
relief vent
Type numbering system (Example : 250V 100
µF)
Configuration
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 to 18
HD
Configuration
φD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.6
0.8
0.8
(mm)
Size code
Blank, 6
Pb-free leadwire
Pb-free PET sleeve
ND
NY
9
2
L+2.0 MAX.
15MIN
4MIN
Pressure
relief vent
Sleeve (P.E.T.)
φ d
Dimension table in next page.
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 to +105°C (160 to 400V) , – 25 to +105°C (450V)
160 to 450V
6.8 to 330µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.04CV+100 (µA)
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 10000 hours (8000 hours for
φD=10 × 16L, 10 × 20L) at 105°C, the peak voltage shall not
exceed the rated voltage.
tan
δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
160
3
6
200
3
6
250
3
6
350
5
6
400
5
6
450
6
--
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan
δ (MAX.)
160
0.20
200
0.20
250
0.20
400
0.24
450
0.24
350
0.24
CS
CA
Smaller
• Please refer to page 20 about the end seal configuration.
CY
CP
Smaller
CAT.8100C


Numéro de pièce similaire - UCS2D101MND9

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
UCS2D101MND9 NICHICON-UCS2D101MND9 Datasheet
54Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Description similaire - UCS2D101MND9

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com