Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP2662 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP2662
Description  Photocouplers GaAAs Infrared LED & Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2662 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP2662 Datasheet HTML 1Page - Toshiba Semiconductor TLP2662 Datasheet HTML 2Page - Toshiba Semiconductor TLP2662 Datasheet HTML 3Page - Toshiba Semiconductor TLP2662 Datasheet HTML 4Page - Toshiba Semiconductor TLP2662 Datasheet HTML 5Page - Toshiba Semiconductor TLP2662 Datasheet HTML 6Page - Toshiba Semiconductor TLP2662 Datasheet HTML 7Page - Toshiba Semiconductor TLP2662 Datasheet HTML 8Page - Toshiba Semiconductor TLP2662 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP2662,TLP2662F
5
10.
10.
10.
10. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
Low-level supply current
High-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCL
ICCH
IFHL
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Test
Circuit
Fig.
13.1.1
Fig.
13.1.1
Fig.
13.1.2
Fig.
13.1.4
Fig.
13.1.3
Test Condition
IF = 10 mA, Ta = 25
IF = 10 mA
VR = 5 V, Ta = 25
V = 0 V, f = 1 MHz, Ta = 25
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V, Ta = 25
IF = 10 mA,
IO = 13 mA (Sinking)
IF1 =IF2 = 10 mA
IF1 =IF2 = 0 mA
IO = 13 mA (Sinking),
VO < 0.6 V, Ta = 25
IO = 13 mA (Sinking),
VO < 0.6 V
Min
1.45
Typ.
1.55
-2.0
60
0.2
3.8
3.4
1.3
Max
1.7
10
50
10
0.6
8
8
2.8
5.0
Unit
V
mV/
µA
pF
µA
µA
V
mA
mA
mA
mA
Note:
All typical values are at Ta = 25.
Note 1: Each channel
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1 s in oil
DC, 1min in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2012-09-12
Rev.2.0


Numéro de pièce similaire - TLP2662

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2662F TOSHIBA-TLP2662F Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Description similaire - TLP2662

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP714F TOSHIBA-TLP714F Datasheet
374Kb / 15P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2962 TOSHIBA-TLP2962 Datasheet
320Kb / 13P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
   Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
   Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
   Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com