Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1781KT146Q Fiches technique(PDF) 2 Page - Rohm

No de pièce 2SD1781KT146Q
Description  Medium Power Transistor (32V, 0.8A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SD1781KT146Q Fiches technique(HTML) 2 Page - Rohm

  2SD1781KT146Q Datasheet HTML 1Page - Rohm 2SD1781KT146Q Datasheet HTML 2Page - Rohm 2SD1781KT146Q Datasheet HTML 3Page - Rohm 2SD1781KT146Q Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD1781K
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25 C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
40
32
5
120
0.1
150
15
0.5
0.5
390
0.4
VIC
=50
μA
IC
=1mA
IE
=50
μA
VCB
=20V
VEB
=4V
VCE
=3V, IC=100mA
IC/IB
=500mA/50mA
VCE
=5V, IE= −50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
μA
μA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Transition frequency
Packaging specifications and hFE
Package
Code
T146
3000
Taping
Basic ordering
unit (pieces)
QR
hFE
2SD1781K
Type
hFE values are classified as follows :
Item
Q
hFE
120 to 270
R
180 to 390
Electrical characteristic curves
COLLECTOR CURRENT : IC
(mA)
Fig.3
DC current gain vs. collector
current
1
10
20
50
2
5
10
20
50 100 200
500 1000
100
200
500
1000
VCE
=5V
Ta
=100°C
25
°C
−55°C
1000
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteristics
0
400
0
2
468
10
300
200
100
IB
=0μA
Tc
=25°C
100
μA
200
μA
300
μA
400
μA
500
μA
600
μA
700
μA
800
μA
800
μA
900
μA
1mA
1mA
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
0.1
200
500
100
20
50
10
2
5
1
0.2
0.5
0.2
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6
Ta
=25
°C
VCE
=6V


Numéro de pièce similaire - 2SD1781KT146Q

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1781KT146R ROHM-2SD1781KT146R Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
More results

Description similaire - 2SD1781KT146Q

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1781K ROHM-2SD1781K Datasheet
93Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SD1781K ROHM-2SD1781K_08 Datasheet
53Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
Leshan Radio Company
L2SD1781KLT1 LRC-L2SD1781KLT1 Datasheet
94Kb / 4P
   Medium Power Transistor(32V, 0.8A)
logo
Rohm
2SD1781KT146R ROHM-2SD1781KT146R Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
AiT Semiconductor Inc.
2SD1781KR AITSEMI-2SD1781KR Datasheet
484Kb / 7P
   GENERAL PURPOSE TRANSISTORS MEDIUM POWER TRANSISTOR(32V, 0.8A)
REV1.1
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
Rohm
2SB1197KT146Q ROHM-2SB1197KT146Q Datasheet
58Kb / 3P
   Low Frequency Transistor (32V, 0.8A)
2SB1197KT146R ROHM-2SB1197KT146R Datasheet
58Kb / 3P
   Low Frequency Transistor (32V, 0.8A)
2SB1197K ROHM-2SB1197K_08 Datasheet
53Kb / 3P
   Low Frequency Transistor (-32V, -0.8A)
2SB1197K ROHM-2SB1197K Datasheet
93Kb / 3P
   Low Frequency Transistor(-32V, -0.8A)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com