Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7303BR Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7303BR
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7303BR Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7303BR Datasheet HTML 4Page - Analog Devices AD7303BR Datasheet HTML 5Page - Analog Devices AD7303BR Datasheet HTML 6Page - Analog Devices AD7303BR Datasheet HTML 7Page - Analog Devices AD7303BR Datasheet HTML 8Page - Analog Devices AD7303BR Datasheet HTML 9Page - Analog Devices AD7303BR Datasheet HTML 10Page - Analog Devices AD7303BR Datasheet HTML 11Page - Analog Devices AD7303BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7303
–8–
REV. 0
GENERAL DESCRIPTION
D/A Section
The AD7303 is a dual 8-bit voltage output digital-to-analog
converter. The architecture consists of a reference amplifier and
a current source DAC, followed by a current-to-voltage con-
verter capable of generating rail-to-rail voltages on the output of
the DAC. Figure 20 shows a block diagram of the basic DAC
architecture.
REFERENCE
AMPLIFIER
OUTPUT
AMPLIFIER
VO A/B
VDD
REF
AD7303
CURRENT
DAC
11.7k
30k
11.7k
30k
Figure 20. DAC Architecture
Both DAC A and DAC B outputs are internally buffered and
these output buffer amplifiers have rail-to-rail output character-
istics. The output amplifier is capable of driving a load of 10 k
to both VDD and ground and 100 pF to ground. The reference
selection for the DAC can be either internally generated from
VDD or externally applied through the REF pin. Reference
selection is via a bit in the control register. The range on the
external reference input is from 1.0 V to VDD/2. The output
voltage from either DAC is given by:
VO A/B = 2
× V
REF
× (N/256)
where:
VREF is the voltage applied to the external REF pin or
VDD/2 when the internal reference is selected.
N
is the decimal equivalent of the code loaded to the DAC
register and ranges from 0 to 255.
Reference
The AD7303 has the facility to use either an external reference
applied through the REF pin or an internal reference generated
from VDD. Figure 21 shows the reference input arrangement
where the internal VDD/2 has been selected.
30k
30k
REFERENCE
AMPLIFIER
AD7303
REF
0.1µF
VDD
INT/EXT
Figure 21. Reference Input
When the internal reference is selected during the write to the
DAC, both switches are closed and VDD/2 is generated and
applied to the reference amplifier. This internal VDD/2 reference
appears at the reference pin as an output voltage for decoupling
purposes. When using the internal reference, external references
should not be connected to the REF Pin. This internal VDD/2
reference appears at the reference pin as an output voltage for
decoupling purposes. When using the internal reference, external
references should not be connected to the REF pin. If external ref-
erence is selected, both switches are open and the externally
applied voltage to the REF pin is applied to the reference amplifier.
Decoupling capacitors applied to the REF pin decouple both
the internal reference and external reference. In noisy environ-
ments it is recommended that a 0.1
µF capacitor be connected
to the REF pin to provide added decoupling even when the in-
ternal reference is selected.
Analog Outputs
The AD7303 contains two independent voltage output DACs
with 8-bit resolution and rail-to-rail operation. The output buffer
provides a gain of two at the output. Figures 3 to 5 show the sink
and source capabilities of the output amplifier. The slew rate of the
output amplifier is typically 8 V/
µs and has a full-scale settling to 8
bits with a 100 pF capacitive load in typically 1.2
µs.
The input coding to the DAC is straight binary. Table I shows
the binary transfer function for the AD7303. Figure 22 shows
the DAC transfer function for binary coding. Any DAC output
voltage can ideally be expressed as:
VOUT = 2 × VREF (N/256)
where:
N
is the decimal equivalent of the binary input code.
N ranges from 0 to 255.
VREF is the voltage applied to the external REF pin when
the external reference is selected and is VDD/2 if the
internal reference is used.
Table I. Binary Code Table for AD7303 DAC
Digital Input
MSB . . . LSB
Analog Output
1111 1111
2
× 255/256 × V
REF V
1111 1110
2
× 254/256 × V
REF V
1000 0001
2
× 129/256 × V
REF V
1000 0000
VREF V
0111 1111
2
× 127/256 × V
REF V
0000 0001
2
× V
REF/256 V
0000 0000
0 V
2.VREF
VREF
0
00
01
DAC INPUT
CODE
FF
80
81
FE
7F
Figure 22. DAC Transfer Function


Numéro de pièce similaire - AD7303BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7303BR AD-AD7303BR Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BR AD-AD7303BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BR AD-AD7303BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRM AD-AD7303BRM Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRM AD-AD7303BRM Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results

Description similaire - AD7303BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com