Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF18NM60ND Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STF18NM60ND
Description  N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18NM60ND Fiches technique(HTML) 5 Page - STMicroelectronics

  STF18NM60ND Datasheet HTML 1Page - STMicroelectronics STF18NM60ND Datasheet HTML 2Page - STMicroelectronics STF18NM60ND Datasheet HTML 3Page - STMicroelectronics STF18NM60ND Datasheet HTML 4Page - STMicroelectronics STF18NM60ND Datasheet HTML 5Page - STMicroelectronics STF18NM60ND Datasheet HTML 6Page - STMicroelectronics STF18NM60ND Datasheet HTML 7Page - STMicroelectronics STF18NM60ND Datasheet HTML 8Page - STMicroelectronics STF18NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID024653 Rev 1
5/22
STB18NM60ND, STF18NM60ND, STP18NM60ND, STW18NM60ND
Electrical characteristics
Table 7. Switching times
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 6.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
-55
-
ns
tr
Rise time
-
15.5
-
ns
td(off)
Turn-off delay time
-
13
-
ns
tf
Fall time
-
18
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ISD
Source-drain current
-
13
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
52
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 13 A, VGS=0
-
1.6
V
trr
Reverse recovery time
ISD =13 A, di/dt =100 A/µs,
VDD = 100 V
(see Figure 19)
-136
ns
Qrr
Reverse recovery charge
-
843
nC
IRRM
Reverse recovery current
-
12.5
A
trr
Reverse recovery time
VDD = 100 V
di/dt =100 A/µs, ISD = 13 A
Tj = 150 °C (see Figure 19)
-198
ns
Qrr
Reverse recovery charge
-
1425
nC
IRRM
Reverse recovery current
-
14.5
A


Numéro de pièce similaire - STF18NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STF18NM60ND ISC-STF18NM60ND Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - STF18NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
STW47NM60ND STMICROELECTRONICS-STW47NM60ND Datasheet
1Mb / 12P
   N-channel 600 V, 0.075 廓 typ., 35 A FDmesh??II Power MOSFET (with fast diode) in a TO-247 package
STW34NM60ND STMICROELECTRONICS-STW34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
   N-channel 500 V, 0.29 廓, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
STF8NM60ND STMICROELECTRONICS-STF8NM60ND Datasheet
727Kb / 17P
   N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
February 2009 Rev 1
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com