Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFI24N60M2 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STFI24N60M2
Description  N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI24N60M2 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STFI24N60M2 Datasheet HTML 4Page - STMicroelectronics STFI24N60M2 Datasheet HTML 5Page - STMicroelectronics STFI24N60M2 Datasheet HTML 6Page - STMicroelectronics STFI24N60M2 Datasheet HTML 7Page - STMicroelectronics STFI24N60M2 Datasheet HTML 8Page - STMicroelectronics STFI24N60M2 Datasheet HTML 9Page - STMicroelectronics STFI24N60M2 Datasheet HTML 10Page - STMicroelectronics STFI24N60M2 Datasheet HTML 11Page - STMicroelectronics STFI24N60M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Test circuits
STF24N60M2, STFI24N60M2
8/14
DocID024026 Rev 4
3
Test circuits
Figure 14. Switching times test circuit for
resistive load
Figure 15. Gate charge test circuit
Figure 16. Test circuit for inductive load
switching and diode recovery times
Figure 17. Unclamped inductive load test circuit
Figure 18. Unclamped inductive waveform
Figure 19. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Numéro de pièce similaire - STFI24N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results

Description similaire - STFI24N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
   N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
March 2014 Rev 2
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
   N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com