Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH270N8F7-2 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STH270N8F7-2
Description  N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH270N8F7-2 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STH270N8F7-2 Datasheet HTML 5Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 6Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 7Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 8Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 9Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 10Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 11Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 12Page - STMicroelectronics STH270N8F7-2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID024006 Rev 3
9/21
STH270N8F7-2, STH270N8F7-6, STP270N8F7
Test circuits
4
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Numéro de pièce similaire - STH270N8F7-2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
More results

Description similaire - STH270N8F7-2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
   N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
November 2015
STH270N4F3-6 STMICROELECTRONICS-STH270N4F3-6 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET??III Power MOSFET in H2PAK-2 and H2PAK-6 packages
March 2013 Rev 2
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
   N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
July 2009
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
STH140N8F7-2 STMICROELECTRONICS-STH140N8F7-2 Datasheet
772Kb / 15P
   N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H2PAK-2 package
October 2014 Rev 2
STH180N10F3-2 STMICROELECTRONICS-STH180N10F3-2 Datasheet
957Kb / 15P
   N-channel 100 V, 3.9 milliohm, 180 A, H2PAK-2 STripFET III Power MOSFET
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
1Mb / 23P
   N-channel 100 V, 0.0068 廓 typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com