Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC595DB Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC595DB
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC595DB Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC595DB Datasheet HTML 6Page - NXP Semiconductors 74HC595DB Datasheet HTML 7Page - NXP Semiconductors 74HC595DB Datasheet HTML 8Page - NXP Semiconductors 74HC595DB Datasheet HTML 9Page - NXP Semiconductors 74HC595DB Datasheet HTML 10Page - NXP Semiconductors 74HC595DB Datasheet HTML 11Page - NXP Semiconductors 74HC595DB Datasheet HTML 12Page - NXP Semiconductors 74HC595DB Datasheet HTML 13Page - NXP Semiconductors 74HC595DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 12 December 2011
10 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 14.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74HC595
tpd
propagation
delay
SHCP to Q7S; see Figure 9
[2]
VCC = 2 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC = 6 V
-
15
27
-
34
-
41
ns
STCP to Qn; see Figure 10
[2]
VCC = 2 V
-
55
175
-
220
-
265
ns
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC = 6 V
-
16
30
-
37
-
45
ns
MR to Q7S; see Figure 12
[3]
VCC = 2 V
-
47
175
-
220
-
265
ns
VCC = 4.5 V
-
17
35
-
44
-
53
ns
VCC = 6 V
-
14
30
-
37
-
45
ns
ten
enable time OE to Qn; see Figure 13
[4]
VCC = 2 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
30
-
38
-
45
ns
VCC = 6 V
-
14
26
-
33
-
38
ns
tdis
disable time OE to Qn; see Figure 13
[5]
VCC = 2 V
-
41
150
-
190
-
225
ns
VCC = 4.5 V
-
15
30
-
38
-
45
ns
VCC = 6 V
-
12
27
-
33
-
38
ns
tW
pulse width
SHCP HIGH or LOW;
see Figure 9
VCC = 2 V
75
17
-
95
-
110
-
ns
VCC = 4.5 V
15
6
-
19
-
22
-
ns
VCC = 6 V
13
5
-
16
-
19
-
ns
STCP HIGH or LOW;
see Figure 10
VCC = 2 V
75
11
-
95
-
110
-
ns
VCC = 4.5 V
15
4
-
19
-
22
-
ns
VCC = 6 V
13
3
-
16
-
19
-
ns
MR LOW; see Figure 12
VCC = 2 V
75
17
-
95
-
110
-
ns
VCC = 4.5 V
15
6
-
19
-
22
-
ns
VCC = 6 V
13
5
-
16
-
19
-
ns


Numéro de pièce similaire - 74HC595DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC595DB PHILIPS-74HC595DB Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595DB NXP-74HC595DB Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595DB NXP-74HC595DB Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595DB-Q100 NXP-74HC595DB-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595DB-Q100 NEXPERIA-74HC595DB-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
More results

Description similaire - 74HC595DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com