Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G86GN Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AUP2G86GN
Description  Low-power dual 2-input EXCLUSIVE-OR gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G86GN Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP2G86GN Datasheet HTML 3Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 4Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 5Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 6Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 7Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 8Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 9Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 10Page - NXP Semiconductors 74AUP2G86GN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74AUP2G86
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 14 June 2012
7 of 21
NXP Semiconductors
74AUP2G86
Low-power dual 2-input EXCLUSIVE-OR gate
[1]
One input at VCC  0.6 V, other input at VCC or GND.
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.9
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A;
VCC =3.3 V
[1] --
50
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
 V
CC
--
V
VCC = 0.9 V to 1.95 V
0.70
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
 V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.30
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
VCC  0.11 -
-
V
IO = 1.1 mA; VCC = 1.1 V
0.6
 V
CC
--
V
IO = 1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = 1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = 2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = 3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = 2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = 4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.75
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.75
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
0.75
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
1.4
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A;
VCC =3.3 V
[1] --
75
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AUP2G86GN

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G86GN NEXPERIA-74AUP2G86GN Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results

Description similaire - 74AUP2G86GN

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com